Electronic Components Datasheet Search
  English  ▼

X  

SIP41103 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP41103
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP41103 Datasheet HTML 1Page - Vishay Siliconix SIP41103 Datasheet HTML 2Page - Vishay Siliconix SIP41103 Datasheet HTML 3Page - Vishay Siliconix SIP41103 Datasheet HTML 4Page - Vishay Siliconix SIP41103 Datasheet HTML 5Page - Vishay Siliconix SIP41103 Datasheet HTML 6Page - Vishay Siliconix SIP41103 Datasheet HTML 7Page - Vishay Siliconix SIP41103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SiP41103
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
www.vishay.com
1
Synchronous Rectification N-Channel MOSFET Driver
for DC/DC Conversion
FEATURES
• 5 V Gate Drive
• Undervoltage Lockout
• Internal Bootstrap Diode
• Adaptive Shoot-Through Protection
• Synchronous MOSFET Disable
• Adjustable Highside Propagation Delay
• Switching Frequency Up to 1 MHz
• Drive MOSFETs In 4.5 to 50 V Systems
APPLICATIONS
• Multi-Phase DC/DC Conversion
• High Current Synchronous Buck Converters
• High Frequency Synchronous Buck Converters
• Asynchronous-to-Synchronous Adaptations
• Mobile Computer DC/DC Converters
• Desktop Computer DC/DC Converters
DESCRIPTION
SiP41103 is a high-speed synchronous rectification
MOSFET driver with adaptive shoot-through protec-
tion for use in high frequency, high-current, mul-
tiphase DC-DC synchronous rectifier buck converter.
It is designed to operate at the switching frequencies
up to 1 MHz. The high-side driver is bootstrapped to
allow driving N-Channel MOSFET. Adaptive shoot-
through protection prevents simultaneous conduction
of external MOSFETs. Adding a capacitor to the delay
pin can further increase the high-side driver turn-on
delay by 1.2 ns/pF for further shoot-through protec-
tion.
The SiP41103 is available in both standard and lead
(Pb)-free 10-Pin MLP33 packages and is specified to
operate over the industrial temperature range of
- 40 °C to 85 °C.
TYPICAL APPLICATION CIRCUIT
*Pb containing terminations are not RoHS compliant, exemptions may apply
+ 5 to 50 V
+ 5 V
GND
Controller
GND
PWM
ENSYNC
OUTL
LX
VDD
BOOT
DELAY
SiP41103
1 µF
10 pF
VOUT
0.1 µF
GND
OUTH
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SIP41103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
04-Sep-06
SiP41103DM-T1 VISHAY-SiP41103DM-T1 Datasheet
136Kb / 8P
Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
04-Sep-06
More results

Similar Description - SIP41103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
Synchronous DC-DC MOSFET Driver
logo
fujitsu semiconductor
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
logo
Vishay Siliconix
SIP41109 VISHAY-SIP41109 Datasheet
101Kb / 7P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
13-Jun-05
logo
Rohm
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
logo
Vishay Siliconix
SIP41104 VISHAY-SIP41104 Datasheet
113Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
logo
STMicroelectronics
STOD13AS STMICROELECTRONICS-STOD13AS Datasheet
694Kb / 25P
Synchronous rectification for both DC-DC converters
27-Jan-2012
logo
Vishay Siliconix
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
04-Sep-06
logo
Rohm
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
logo
Vishay Siliconix
SIP41109 VISHAY-SIP41109_V01 Datasheet
119Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com