Electronic Components Datasheet Search
  English  ▼

X  

SIP41103 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP41103
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP41103 Datasheet HTML 1Page - Vishay Siliconix SIP41103 Datasheet HTML 2Page - Vishay Siliconix SIP41103 Datasheet HTML 3Page - Vishay Siliconix SIP41103 Datasheet HTML 4Page - Vishay Siliconix SIP41103 Datasheet HTML 5Page - Vishay Siliconix SIP41103 Datasheet HTML 6Page - Vishay Siliconix SIP41103 Datasheet HTML 7Page - Vishay Siliconix SIP41103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
Vishay Siliconix
SiP41103
TIMING WAVEFORMS
PIN CONFIGURATION AND TRUTH TABLE
Note:
a. After the device is enabled.
td(on)L
td(off)H
td(off)L
PWM
OUTH
OUTL
td(on)H
10 %
90 %
50 %
90 %
10 %
10 %
10 %
50 %
90 %
90 %
tfL
trH
trL
tfH
1 V
LX
2
3
4
10
9
8
7
OUTH
BOOT
PWM
DELAY
LX
ENSYNC
NC
VDD
Top View
5
GND
6
OUTL
MLP33
TRUTH TABLEa
PWM
ENSYNC
OUTH
OUTL
LL
L
L
LH
L
H
HX
H
L
ORDERING INFORMATION
Standard Part Number
Lead (Pb)-Free Part Number
Temperature Range
Marking
SiP41103DM-T1
SiP41103DM-T1-E3
- 40 to 85 °C
41A3
Eval Kit
Temperature Range
SiP41103DB
- 40 to 85 °C
PIN DESCRIPTION
Pin Number
Name
Function
1
OUTH
High-side MOSFET gate drive
2
BOOT
Bootstrap supply for high-side driver. A capacitor connects between BOOT and LX
3
PWM
Input signal for the MOSFET drivers
4
DELAY
Connection for the highside dealy adjustment capacitors
5
GND
Ground
6
OUTL
Synchronous or low-side MOSFET gate drive
7
VDD
+ 5 V supply
8
NC
No Connect
9
ENSYNC
Enables OUTL, the driver for the synchronous MOSFET
10
LX
Connection for source of high-side MOSFET, drain of the low-side MOSFET and the inductor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com