Electronic Components Datasheet Search
  English  ▼

X  

MPC8240 Datasheet(PDF) 31 Page - Motorola, Inc

Part # MPC8240
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPC8240 Datasheet HTML 27Page - Motorola, Inc MPC8240 Datasheet HTML 28Page - Motorola, Inc MPC8240 Datasheet HTML 29Page - Motorola, Inc MPC8240 Datasheet HTML 30Page - Motorola, Inc MPC8240 Datasheet HTML 31Page - Motorola, Inc MPC8240 Datasheet HTML 32Page - Motorola, Inc MPC8240 Datasheet HTML 33Page - Motorola, Inc MPC8240 Datasheet HTML 34Page - Motorola, Inc MPC8240 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
31
Package Description
SCL
AF21
I/O
OVDD
DRV_STD
10, 16
Clock Out Signals
PCI_CLK [0:3]
AC25 AB25 AE26 AF25
Output
GVDD
DRV_PCI_C
LK
6
PCI_CLK4/DA3
AF26
Output
GVDD
DRV_PCI_C
LK
PCI_SYNC_OUT
AD25
Output
GVDD
DRV_PCI_C
LK
PCI_SYNC_IN
AB23
Input
GVDD
—
SDRAM_CLK [0:3]
D1 G1 G2 E1
Output
GVDD
DRV_MEM_
ADDR
6
SDRAM_SYNC_OUT
C1
Output
GVDD
DRV_MEM_
ADDR
SDRAM_SYNC_IN
H3
Input
GVDD
—
CKO/DA1
B15
Output
OVDD
DRV_STD
OSC_IN
AD21
Input
OVDD
—19
Miscellaneous Signals
HRST_CTRL
A20
Input
OVDD
—
HRST_CPU
A19
Input
OVDD
—
MCP
A17
Output
OVDD
DRV_STD
3, 4, 17
NMI
D16
Input
OVDD
—
SMI
A18
Input
OVDD
—10
SRESET
B16
Input
OVDD
—10
TBEN
B14
Input
OVDD
—10
QACK/DA0
F2
Output
OVDD
DRV_STD
3, 4
CHKSTOP_IN
D14
Input
OVDD
—10
MAA[0:2]
AF2 AF1 AE1
Output
GVDD
DRV_MEM_
DATA
3, 4, 6
MIV
A16
Output
OVDD
DRV_STD
PMAA[0:2]
AD18 AF18 AE19
Output
OVDD
DRV_STD
3, 4, 6,15
TRIG_IN
AF20
Input
OVDD
—10
TRIG_OUT
AC18
I/O
OVDD
DRV_STD
Table 17. MPC8240 Pinout Listing (continued)
Name
Pin Number
Pin Type
Power
Supply
Output
Driver
Type
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com