Electronic Components Datasheet Search
  English  ▼

X  

MPC8240 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC8240
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC8240 Datasheet HTML 4Page - Motorola, Inc MPC8240 Datasheet HTML 5Page - Motorola, Inc MPC8240 Datasheet HTML 6Page - Motorola, Inc MPC8240 Datasheet HTML 7Page - Motorola, Inc MPC8240 Datasheet HTML 8Page - Motorola, Inc MPC8240 Datasheet HTML 9Page - Motorola, Inc MPC8240 Datasheet HTML 10Page - Motorola, Inc MPC8240 Datasheet HTML 11Page - Motorola, Inc MPC8240 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MPC8240 Integrated Processor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Electrical and Thermal Characteristics
Figure 3 shows the undershoot and overshoot voltage of the memory interface of the MPC8240.
Figure 3. Overshoot/Undershoot Voltage
Figure 4 and Figure 5 show the undershoot and overshoot voltage of the PCI interface of the MPC8240 for
the 3.3-volt and 5-volt signals, respectively.
Figure 4. Maximum AC Waveforms for 3.3-V Signaling
GND
GND – 0.3 V
GND – 1.0 V
Not to Exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL
Overvoltage
Waveform
Undervoltage
Waveform
-3.5 V
+7.1 V
+3.6 V
0 V
62.5 ns
4 ns
(max)
11 ns
(min)
7.1 v. p-to-p
(minimum)
7.1 v. p-to-p
(minimum)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com