Electronic Components Datasheet Search
  English  ▼

X  

MPC8240 Datasheet(PDF) 22 Page - Motorola, Inc

Part # MPC8240
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MPC8240 Datasheet HTML 18Page - Motorola, Inc MPC8240 Datasheet HTML 19Page - Motorola, Inc MPC8240 Datasheet HTML 20Page - Motorola, Inc MPC8240 Datasheet HTML 21Page - Motorola, Inc MPC8240 Datasheet HTML 22Page - Motorola, Inc MPC8240 Datasheet HTML 23Page - Motorola, Inc MPC8240 Datasheet HTML 24Page - Motorola, Inc MPC8240 Datasheet HTML 25Page - Motorola, Inc MPC8240 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
MPC8240 Integrated Processor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Electrical and Thermal Characteristics
Figure 13 through Figure 16 show I2C timings.
Figure 13. I2C Timing Diagram I
Figure 14. I2C Timing Diagram II
9
Stop condition setup time
4.0
—
CLKs
1, 2
Notes:
1. Units for these specifications are in SDRAM_CLK units.
2. The actual values depend on the setting of the digital filter frequency sampling rate (DFFSR) bits in the frequency
divider register I2CFDR. Therefore, the noted timings in this table are all relative to qualified signals. The qualified
SCL and SDA are delayed signals from what is seen in real time on the I2C bus. The qualified SCL and SDA signals
are delayed by the SDRAM_CLK clock times DFFSR times two plus one SDRAM_CLK clock. The resulting delay
value is added to the value in the table (where this note is referenced). See Figure 14.
3. Since SCL and SDA are open-drain type outputs, which the MPC8240 can only drive low, the time required for SCL
or SDA to reach a high level depends on external signal capacitance and pull-up resistor values.
4. Specified at a nominal 50-pF load.
5. DFDR is the decimal divider number indexed by the value of FDR[5:0]. Refer to the I
2C Interface chapter’s serial bit
clock frequency divider selections table. FDR[n] refers to the frequency divider register I2CFDR bit n. N is equal to
a variable number that would make the result of the divide (data hold time value) equal to a number less than 16.
M is equal to a variable number that would make the result of the divide (data hold time value) equal to a number
less than 9.
Table 13. I2C Output AC Timing Specifications (continued)
At recommended operating conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V
Num
Characteristic
Min
Max
Unit
Notes
SCL
SDA
VM
VM
6
2
1
4
SCL
SDA
VM
VL
VH
9
8
3
5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com