Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 223Page - Texas Instruments AM3703 Datasheet HTML 224Page - Texas Instruments AM3703 Datasheet HTML 225Page - Texas Instruments AM3703 Datasheet HTML 226Page - Texas Instruments AM3703 Datasheet HTML 227Page - Texas Instruments AM3703 Datasheet HTML 228Page - Texas Instruments AM3703 Datasheet HTML 229Page - Texas Instruments AM3703 Datasheet HTML 230Page - Texas Instruments AM3703 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
(1) In mcspix, x is equal to 1, 2, or 4. In mcspix_csn, n is equal to 0, 1, 2, or 3 for x equal to 1, n is equal to 0 or 1 for x equal to 2 and 4.
(2) The polarity of mcspix_clk and the active edge (rising or falling) on which mcspix_simo is driven and mcspix_somi is latched is all
software configurable:
–
mcspix_clk(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3).
–
mcspix_clk(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2).
For more information, see the McSPI environment chapter, Data Format Configurations section of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4) for modes and phase correspondence description.
(3) P = mcspix_clk clock period
(4) Case P = 20.8 ns, A = (TCS+0.5)*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register).
Case P
> 20.8 ns, A = TCS*P(3) (TCS is a bitfield of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of
the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(5) B = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(6) See Section 4.3.4, Processor Clocks.
Table 6-80. McSPI3 Timing Requirements
—Master Mode(1)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SM2
tsu(SOMIV-CLKAE) Setup time, mcspi3_somi valid before mcspi3_clk
1.5
4.3
ns
active edge
SM3
th(SOMIV-CLKAE)
Hold time, mcspi3_somi valid after mcspi3_clk active
2.8
5.9
ns
edge
(1) See Section 4.3.4, Processor Clocks.
Table 6-81. McSPI3 Switching Characteristics
—Master Mode(1) (2) (6)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SM0
1/tc(CLK)
Frequency, mcspi3_clk
24
12
MHz
SM1
tw(CLKH)
Pulse duration, mcspi3_clk high or low
0.45*P(3)
0.55*P(3)
0.45*P(3)
0.55*P(3)
ns
tR(clk)
Rise time, output clock mcspi3_clk
CBP
7.33
7.31
ns
Balls:
AE2 /
AE13
CBP
4.31
4.30
Ball: H26
tF(clk)
Fall time, output clock mcspi3_clk
CBP
6.77
6.71
ns
Balls:
AE2 /
AE13
CBP
4.0
4.0
Ball: H26
SM4
td(CLK-SIMO)
Delay time, mcspi3_clk active edge to mcspi3_simo
–2.1
11.3
–5.3
23.6
ns
shifted
SM5
td(CSn-CLK)
Delay time, mcspi3_csi active to
Modes 1
A(4)
– 4.4
A(4)
–
ns
mcspi3_clk first edge
and 3
10.1
Modes 0
B(5)
– 4.4
B(5)
–
ns
and 2
10.1
SM6
td(CLK-CSn)
Delay time, mcspi3_clk last edge to
Modes 1
B(5)
– 4.4
B(5)
–
ns
mcspi3_csi inactive
and 3
10.1
Modes 0
A(4)
– 4.4
A(4)
–
ns
and 2
10.1
SM7
td(csn-simo)
Delay time, mcspi3_csi active edge to
Modes 0
11.3
23.6
ns
mcspi3_simo shifted
and 2
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
227
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com