Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 230 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 226Page - Texas Instruments AM3703 Datasheet HTML 227Page - Texas Instruments AM3703 Datasheet HTML 228Page - Texas Instruments AM3703 Datasheet HTML 229Page - Texas Instruments AM3703 Datasheet HTML 230Page - Texas Instruments AM3703 Datasheet HTML 231Page - Texas Instruments AM3703 Datasheet HTML 232Page - Texas Instruments AM3703 Datasheet HTML 233Page - Texas Instruments AM3703 Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
6.6.3.1
FS-USB
—Unidirectional Standard 6-pin Mode
Table 6-83 and Table 6-84 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-48).
Table 6-82. LS- / FS-USB Timing Conditions
—Unidirectional Standard 6-Pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Condition
CLOAD
Output load capacitance(1)
15
pF
(1) Buffer strength configuration: LB0 = 1.
Table 6-83. LS- / FS-USB Timing Requirements
—Unidirectional Standard 6-Pin Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FSU1
td(vp,vm)
Time duration, mmx_rxdp and mmx_rx low together
14
14
ns
during transition
FSU2
td(vp,vm)
Time duration, mmx_rxdp and mmx_rx high together
8
8
ns
during transition
FSU3
td(rcvU0)
Time duration, mmx_rrxcv undefine during a single
14
14
ns
end 0 (mmx_rxdp and mmx_rx low together)
FSU4
td(rcvU1)
Time duration, mmx_rxrcv undefine during a single
8
8
ns
end 1 (mmx_rxdp and mmx_rx high together)
(1) In mmx, x is equal to 0, 1, or 2.
(2) See Section 4.3.4, Processor Clocks.
Table 6-84. LS- / FS-USB Switching Characteristics
—Unidirectional Standard 6-Pin Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FSU5
td(txenL-dV)
Delay time, mmx_txen_n low to mmx_txdat valid
81.8
84.8
81.8
84.8
ns
FSU6
td(txenL-se0V)
Delay time, mmx_txen_n low to mmx_txse0 valid
81.8
84.8
81.8
84.8
ns
FSU7
ts(d-se0)
Skew between mmx_txdat and mmx_txse0 transition
1.5
1.5
ns
FSU8
td(dI-txenH)
Delay time, mmx_txdat invalid to mmx_txen_n high
81.8
81.8
ns
FSU9
td(se0I-txenH)
Delay time, mmx_txse0 invalid to mmx_txen_n high
81.8
81.8
ns
(1) In mmx, x is equal to 0, 1, or 2.
(2) See Section 4.3.4, Processor Clocks.
230
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com