Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 267 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 263Page - Texas Instruments AM3703 Datasheet HTML 264Page - Texas Instruments AM3703 Datasheet HTML 265Page - Texas Instruments AM3703 Datasheet HTML 266Page - Texas Instruments AM3703 Datasheet HTML 267Page - Texas Instruments AM3703 Datasheet HTML 268Page - Texas Instruments AM3703 Datasheet HTML 269Page - Texas Instruments AM3703 Datasheet HTML 270Page - Texas Instruments AM3703 Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 6-143. JTAG Timing Requirements
—Free-Running Clock Mode(5) (6)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
JT4
1 / tc(tck)
Frequency(1), input clock jtag_tck
50
50
MHz
JT5
tw(tckL)
Pulse duration, input clock jtag_tck low
0.5P(2)
0.5P(2)
ns
JT6
tw(tckH)
Pulse duration, input clock jtag_tck high
0.5P(2)
0.5P(2)
ns
tdc(tck)
Duty cycle error, input clock jtag_tck
–1250
1250
–1667
1667
ps
tJ(tck)
Cycle jitter(3), input clock jtag_tck
–1250
1250
–1667
1667
ps
JT7
tsu(tdiV-rtckH)
Setup time, input data jtag_tdi valid before output
1.6
1.6
ns
clock jtag_rtck high
JT8
th(tdiV-rtckH)
Hold time, input data jtag_tdi valid after output clock
0.7
1.0
ns
jtag_rtck high
JT9
tsu(tmsV-rtckH)
Setup time, input mode select jtag_tms_tmsc valid
1.6
1.6
ns
before output clock jtag_rtck high
JT10
th(tmsV-rtckH)
Hold time, input mode select jtag_tms_tmsc valid after
0.7
1.0
ns
output clock jtag_rtck high
JT12
tsu(emuxV-rtckH)
Setup time, input emulation jtag_emux(4) valid before
14.4
19.6
ns
output clock jtag_rtck high
JT13
th(emuxV-rtckH)
Hold time, input emulation jtag_emux(4) valid after
2.0
2.7
ns
output clock jtag_rtck high
(1) Related with the input maximum frequency supported by the JTAG module.
(2) P = input clock jtag _tck period in ns
(3) Maximum cycle jitter supported by input clock jtag _tck.
(4) In jtag_emux, x is equal to 0 or 1.
(5) The timing requirements are assured for the cycle jitter and duty cycle error conditions specified.
(6) See Section 4.3.4, Processor Clocks.
Table 6-144. JTAG Switching Characteristics
—Free-Running Clock Mode(5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
JT1
1 / tc(rtck)
Frequency(1), output clock jtag_rtck
50
50
MHz
JT2
tw(rtckL)
Pulse duration, output clock jtag_rtck low
0.5P(2)
0.5P(2)
ns
JT3
tw(rtckH)
Pulse duration, output clock jtag_rtck high
0.5P(2)
0.5P(2)
ns
tdc(rtck)
Duty cycle error, output clock jtag_rtck
–1250
1250
–1667
1667
ps
tJ(rtck)
Jitter standard deviation(3), output clock jtag_rtck
33.3
33.3
ps
tR(rtck)
Rise time, output clock jtag_rtck
0
0
ns
tF(rtck)
Fall time, output clock jtag_rtck
0
0
ns
JT11
td(rtckL-tdoV)
Delay time, output clock jtag_rtck low to output data
–5.8
5.8
–7.9
7.9
ns
jtag_tdo valid
tR(tdo)
Rise time, output data jtag_tdo
0
0
ns
tF(tdo)
Fall time, output data jtag_tdo
0
0
ns
JT14
td(rtckH-emuxV)
Delay time, output clock jtag_rtck high to output
2.7
15.1
2.7
20.4
ns
emulation ,jtag_emux(4) valid
(1) Related with the jtag_rtck maximum frequency.
(2) P = output clock jtag _rtck period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) In jtag_emux, x is equal to 0 or 1.
(5) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
267
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com