Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 270 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 266Page - Texas Instruments AM3703 Datasheet HTML 267Page - Texas Instruments AM3703 Datasheet HTML 268Page - Texas Instruments AM3703 Datasheet HTML 269Page - Texas Instruments AM3703 Datasheet HTML 270Page - Texas Instruments AM3703 Datasheet HTML 271Page - Texas Instruments AM3703 Datasheet HTML 272Page - Texas Instruments AM3703 Datasheet HTML 273Page - Texas Instruments AM3703 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
7
Package Characteristics
7.1
Package Thermal Characteristics
Table 7-1 and Table 7-2 provide the thermal resistance characteristics for the packages used on this
device.
Note: This table provides simulation data and may not represent actual use-case values.
Table 7-1. Thermal Resistance Characteristics 800MHz ARM Operation-4Gb DDR + Flash
PACKAGE
Power (W)(5)
θJA(°C/W)
(2)
θJB(°C/W)
(3)
θJC(°C/W)
(4)
BOARD TYPE
CBP Package
1.42
20.06
6.44
(6)
2S2P(1)
CBC Package
1.42
19.97
7.76
(6)
2S2P(1)
CUS Package
1.05
24.75
11.06
7.06
2S2P(1)
(1) The board types are defined by JEDEC (reference JEDEC standard JESD51-9, Test Board for Array Surface Mount Package Thermal
Measurements).
(2)
θJA (Theta-JA) = Thermal Resistance Junction-to-Ambient, °C/W
(3)
θJB (Theta-JB) = Thermal Resistance Junction-to-Board, °C/W
(4)
θJC (Theta-JC) = Thermal Resistance Junction-to-Board, °C/W
(5) These power numbers are based on simulation results for DM37x. Power numbers for CBP and CBC packages include the AM37x
device and POP memory. CUS package is AM37x only.
(6) Not applicable since these packages have memory package mounted on top.
Table 7-2. Thermal Resistance Characteristics 1GHz ARM Operation-8Gb DDR
PACKAGE
Power (W)(5)
θJA(°C/W)
(2)
θJB(°C/W)
(3)
θJC(°C/W)
(4)
BOARD TYPE
CBP Package
2.06
19.51
6.19
(6)
2S2P(1)
CBC Package
2.06
20.11
8.01
(6)
2S2P(1)
CUS Package
1.4
24.75
11.06
7.06
2S2P(1)
(1) The board types are defined by JEDEC (reference JEDEC standard JESD51-9, Test Board for Array Surface Mount Package Thermal
Measurements).
(2)
θJA (Theta-JA) = Thermal Resistance Junction-to-Ambient, °C/W
(3)
θJB (Theta-JB) = Thermal Resistance Junction-to-Board, °C/W
(4)
θJC (Theta-JC) = Thermal Resistance Junction-to-Board, °C/W
(5) These power numbers are based on simulation results for DM37x. Power numbers for CBP and CBC packages include the AM37x
device and POP memory. CUS package is AM37x only.
(6) Not applicable since these packages have memory package mounted on top.
7.2
Device Support
7.2.1
Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
AM37x processors and support tools. Each device has one of three prefixes: X, P, or null (no prefix).
Texas Instruments recommends two of three possible prefix designators for its support tools: TMDX and
TMDS. These prefixes represent evolutionary stages of product development from engineering prototypes
(TMDX) through fully qualified production devices/tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final devices electrical
specifications and may not use production assembly flow. (TMX definition)
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications. (TMP definition)
null
Production version of the silicon die that is fully qualified. (TMS definition)
270
Package Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com