Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 108Page - Texas Instruments AM3703 Datasheet HTML 109Page - Texas Instruments AM3703 Datasheet HTML 110Page - Texas Instruments AM3703 Datasheet HTML 111Page - Texas Instruments AM3703 Datasheet HTML 112Page - Texas Instruments AM3703 Datasheet HTML 113Page - Texas Instruments AM3703 Datasheet HTML 114Page - Texas Instruments AM3703 Datasheet HTML 115Page - Texas Instruments AM3703 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
2.5.8
Power Supplies
Note: For more information, see Power Reset and Clock Management / PRCM Environment and the
Power, Reset, and Clock Management / PRCM Functional Description / PRCM Voltage Management
Functional Description sections of the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
Table 2-25. Power Supplies Signals Description(1)
SIGNAL NAME [1]
DESCRIPTION [2]
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
(CBP Pkg.) [4]
(CBP Pkg.) (2)[5]
(CBC Pkg.) [4]
(CBC Pkg.) (2)[5]
(CUS Pkg.) (2) [4]
vdd_mpu_iva
ARM power domain
Y9 / W9 / T9 /
NA
H7/ N7/ U7/ V7/ N8/
NA
W13/ W12/ V13/
R9 / M9 / L9 / J9
G9/ L9/ M9/ W9/ Y9/
V12/ U13/ U12/ T8/
/ Y10 / U10 / T10
M10/ P10/ K11/ U11/
T7/ R8/ R7/ R6/ N8/
/ R10 / N10 /
V11/ Y11/ G12/ D13/
N7/ N6/ M12/ M8/
M10 / L10 / J10 /
U13
M7/ M6/ L12/ L11/
Y11 / W11 / K11
J10/ J9/ H10/ H9/
/ J11 / W12 / K13
G10/ G9/F10
/ Y14 / K14 / J14
/ Y15 / W15 / J15
vdd_core
Core power domain
AC4 / J4 / H4 /
NA
M7/ T7/ Y8/ G11/
NA
T20/ T19/ T18/ T17/
D8 / AE9 / D9 /
Y12/ D15/ M17/ G18/
R19/ R18/ R17/
D15 / Y16 /
H20/ R20/ AC21
M15/ M14/ L15/
AE18 / Y18 /
L14/ K19/ K18/ K17/
W18 / K18 / J18 /
J18/ J17/ H13/ H12/
AE19 / Y19 /
G13/ G12/ F13/ F12
U19 / T19 / N19 /
M19 / J19 / Y20 /
W20 / V20 / U20
/ P20 / N20 / K20
/ J20 / D22 / D23
/ AE24 / M25 /
L25 / E25
cap_vddu_wkup_
Decoupling
AA15
NA
K14
NA
Y12
logic
capacitor for
WKUP/EMU
domains (logic)
vdda_dplls_dll
Input power for the
K15
NA
K13
NA
G18
analog part of the
MPU, CORE
DPLLs, and the DLL
vdda_dac
Video DAC power
V25
NA
V25
NA
AB13
plane
vssa_dac
Video DAC ground
Y26
NA
V24
NA
AB15
plane
vdds
1.8-V power for
AD3 / AD4 / W4 /
NA
G4/ M4/ T4/ Y4/ L7/
A3 / A15 / B5 / F2 /
Y9 / W10 / W9 / V10
standard IOs
AF8 / AE8 /
AC7/ D9/ AE10/ C11/
F21/ L20 / W21
/ V9 / U10 / N19 /
AF16 / AE16 /
J15/ AC15/ A18/ J18/
N18 / N17 / M19 /
AF23 / AE23 /
AC18/ AD20/ E24/
M18 / M17
F25 / F26 / AG27
L24/ T24/ W24/ AC24
/ AB24
vdds_mem
Memory IO power
U1 / J1 / F1 / J2 /
AC5 / P1 / H1 / F23
NA
NA
K8 / K7 / K6 / J8 /
plane
F2 / R4 / B5 / A5
/ E1 / C23 / A4 / A7
J7 / J6 / H15 / G16 /
/ AH6 / B8 / A8 /
/ A10 / A15 / A18
G15 / F16 / F15 /
B12 / A12 / D16 /
E16
C16 / B18 / A18 /
B22 / A22 / G28 /
C28
vdda_dpll_per
Input power for the
AA16
NA
U14
NA
U17
analog part of the
Peripheral DPLLs
vdda_wkup_bg_bb
For wakeup LDO
AA14
NA
W14
NA
AA13
and VDDA (2 LDOs
SRAM and BG)
112
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com