Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 104Page - Texas Instruments AM3703 Datasheet HTML 105Page - Texas Instruments AM3703 Datasheet HTML 106Page - Texas Instruments AM3703 Datasheet HTML 107Page - Texas Instruments AM3703 Datasheet HTML 108Page - Texas Instruments AM3703 Datasheet HTML 109Page - Texas Instruments AM3703 Datasheet HTML 110Page - Texas Instruments AM3703 Datasheet HTML 111Page - Texas Instruments AM3703 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
2.5.7
General-Purpose IOs
For more information, see General-Purpose Interface / General-Purpose Interface Environment section of
the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-24. General-Purpose IOs Signals Description(1)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
gpio_0
General-purpose IO 0
IO
AF26
V16
W16
gpio_1
General-purpose IO 1
IO
AF25
W15
Y13
gpio_2
General-purpose IO 2
IO
AH26
F3
AB12
gpio_3
General-purpose IO 3
IO
AG26
D3
AC16
gpio_4
General-purpose IO 4
IO
AE14
C3
AD17
gpio_5
General-purpose IO 5
IO
AF18
E3
AD18
gpio_6
General-purpose IO 6
IO
AF19
E4
AC17
gpio_7
General-purpose IO 7
IO
AE21
G3
AB16
gpio_8
General-purpose IO 8
IO
AF21
D4
AA15
gpio_9
General-purpose IO 9
IO
AF22
V12
AD23
gpio_10
General-purpose IO 10
IO
AG25
AE14
Y7
gpio_11
General-purpose IO 11
IO
AA11
Y15
AC24
gpio_12
General-purpose IO 12
IO
AF10
AB2
AC1
gpio_13
General-purpose IO 13
IO
AE10
AB3
AD3
gpio_14
General-purpose IO 14
IO
AF11
AC3
AD6
gpio_15
General-purpose IO 15
IO
AG12
AD4
AC6
gpio_16
General-purpose IO 16
IO
AH12
AD3
AC7
gpio_17
General-purpose IO 17
IO
AE13
AA3
AD8
gpio_18
General-purpose IO 18
IO
AE11
Y3
AC5
gpio_19
General-purpose IO 19
IO
AH9
AB1
AD2
gpio_20
General-purpose IO 20
IO
AF13
AE3
AC8
gpio_21
General-purpose IO 21
IO
AH14
AD2
AD9
gpio_22
General-purpose IO 22
IO
AF9
AA4
AC4
gpio_23
General-purpose IO 23
IO
AG9
V2
AD5
gpio_24
General-purpose IO 24
IO
AE7
AE4
AC3
gpio_25
General-purpose IO 25
IO
AF7
AF6
AC9
gpio_26
General-purpose IO 26
IO
AG7
AE6
AC10
gpio_27
General-purpose IO 27
IO
AH7
AF7
AD11
gpio_28
General-purpose IO 28
IO
AG8
AF9
AC11
gpio_29
General-purpose IO 29
IO
AH8
AE9
AD12
gpio_30
General-purpose IO 30
IO
AF24
AD7
Y10
gpio_31
General-purpose IO 31
IO
AA10
Y14
AD24
gpio_34
General-purpose IO 34
IO
N4
J2
K4
gpio_35
General-purpose IO 35
IO
M4
H1
K3
gpio_36
General-purpose IO 36
IO
L4
H2
K2
gpio_37
General-purpose IO 37
IO
K4
G2
J4
gpio_38
General-purpose IO 38
IO
T3
F1
J3
gpio_39
General-purpose IO 39
IO
R3
F2
J2
gpio_40
General-purpose IO 40
IO
N3
E1
J1
gpio_41
General-purpose IO 41
IO
M3
E2
H1
gpio_42
General-purpose IO 42
IO
L3
D1
H2
gpio_43
General-purpose IO 43
IO
K3
D2
G2
gpio_44
General-purpose IO 44
IO
H2
V1
R2
gpio_45
General-purpose IO 45
IO
K2
Y1
T2
gpio_46
General-purpose IO 46
IO
P1
T1
U1
gpio_47
General-purpose IO 47
IO
R1
U2
R3
108
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com