Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 103Page - Texas Instruments AM3703 Datasheet HTML 104Page - Texas Instruments AM3703 Datasheet HTML 105Page - Texas Instruments AM3703 Datasheet HTML 106Page - Texas Instruments AM3703 Datasheet HTML 107Page - Texas Instruments AM3703 Datasheet HTML 108Page - Texas Instruments AM3703 Datasheet HTML 109Page - Texas Instruments AM3703 Datasheet HTML 110Page - Texas Instruments AM3703 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-21. Test Interfaces
– SDTI Signals Description
SIGNAL
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
SUBSYSTEM
NAME [1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
SIGNAL
MULTIPLEXING [6]
sdti_clk
Serial clock dual edge
O
AF7 / AA11 / AG8
AF6 / Y15 / AF9
AC9 / AC24 / AC11
etk_d11 / jtag_emu0 /
etk_d14
sdti_txd0
Serial data out (System Trace
O
AG7 / AA10 / AA11
AE6 / Y14 / Y15
AC10 / AD24 /
etk_d12 / jtag_emu1 /
messages)
AC24
jtag_emu0
sdti_txd1
Serial data out (System Trace
O
AH7 / AA10
AF7 / Y14
AD11 / AD24
etk_d13 / jtag_emu1
messages)
sdti_txd2
Serial data out (System Trace
O
AG8
AF9
AC11
etk_d14
messages)
sdti_txd3
Serial data out (System Trace
O
AH8
AE9
AD12
etk_d15
messages)
Table 2-22. Test Interfaces
– HWDBG Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
hw_dbg0
Debug signal 0
O
A24 / AF10
C23/AB2
AC1/A22
hw_dbg1
Debug signal 1
O
A23 / AE10
D23/AB3
AD3/E18
hw_dbg2
Debug signal 2
O
C27/ AF11
C26/AC3
AD6/J19
hw_dbg3
Debug signal 3
O
C23 / AG12
B23/AD4
AC6/H24
hw_dbg4
Debug signal 4
O
B24 / AH12
A24/AD3
AC7/G19
hw_dbg5
Debug signal 5
O
C24 / AE13
B24/AA3
AD8/F19
hw_dbg6
Debug signal 6
O
D24 / AE11
D24/Y3
AC5/G20
hw_dbg7
Debug signal 7
O
A25 / AH9
C24/AB1
AD2/B21
hw_dbg8
Debug signal 8
O
B25 / AF13
D25/AE3
AC8/F21
hw_dbg9
Debug signal 9
O
C26 / AH14
E26/AD2
AD9/G21
hw_dbg10
Debug signal 10
O
B23 / AF9
A23/AA4
AC4/F18
hw_dbg11
Debug signal 11
O
D25 / AG9
D26/V2
AD5/J20
hw_dbg12
Debug signal 12
O
D28 / AE7
G25/AE4
AC3/G22
hw_dbg13
Debug signal 13
O
D26 / AF7
K24/AF6
AC9/E22
hw_dbg14
Debug signal 14
O
E26 / AG7
G26/AE6
AC10/D24
hw_dbg15
Debug signal 15
O
F28 / AH7
H25/AF7
AD11/E23
hw_dbg16
Debug signal 16
O
F27 / AG8
H26/AF9
AC11/E24
hw_dbg17
Debug signal 17
O
G26 / AH8
J26/AE9
AD12/F23
2.5.6
Miscellaneous
For more information, see Timers / GP Timers / GP Timers Environment section of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-23. Miscellaneous
– GP Timer Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
gpt_8_pwm_evt
PWM or event for GP
IO
N8 / AD25 / V3
C5 / AD21/ V9
G4/ M4
timer 8
gpt_9_pwm_evt
PWM or event for GP
IO
T8 / AB26 / Y2
B4 / W8 / Y24
F4 / N4
timer 9
gpt_10_pwm_evt
PWM or event for GP
IO
R8 / AB25 / Y3
C4 / U8 / AA24
G5 / N3
timer 10
gpt_11_pwm_evt
PWM or event for GP
IO
P8 / AA25 / Y4
B5 / V8 / AD22
F3 / M5
timer 11
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
107
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com