Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 101Page - Texas Instruments AM3703 Datasheet HTML 102Page - Texas Instruments AM3703 Datasheet HTML 103Page - Texas Instruments AM3703 Datasheet HTML 104Page - Texas Instruments AM3703 Datasheet HTML 105Page - Texas Instruments AM3703 Datasheet HTML 106Page - Texas Instruments AM3703 Datasheet HTML 107Page - Texas Instruments AM3703 Datasheet HTML 108Page - Texas Instruments AM3703 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
2.5.4
Removable Media Interfaces
For more information, see MMC/SDIO Card Interface / MMC/SDIO Environment section of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-18. Removable Media Interfaces
– MMC/SDIO Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
[3]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
MULTIMEDIA MEMORY CARD (MMC1) / SECURE DIGITAL IO (SDIO1)
mmc1_clk
MMC/SD Output Clock
O
N28
N19
M23
mmc1_cmd
MMC/SD command signal
IO
M27
L18
L23
mmc1_dat0
MMC/SD Card Data bit 0 / SPI Serial Input
IO
N27
M19
M22
mmc1_dat1
MMC/SD Card Data bit 1
IO
N26
M18
M21
mmc1_dat2
MMC/SD Card Data bit 2
IO
N25
K18
M20
mmc1_dat3
MMC/SD Card Data bit 3
IO
P28
N20
N23
MULTIMEDIA MEMORY CARD (MMC2) / SECURE DIGITAL IO (SDIO2)
mmc2_clk
MMC/SD Output Clock
O
AE2
W10
Y1
mmc2_dir_dat0
Direction control for DAT0 signal case an external
O
AE4
V10
AB2
transceiver used
mmc2_dir_dat1
Direction control for DAT1 and DAT3 signals case an
O
AH3
M3
AA2
external transceiver used
mmc2_dir_dat2
Direction control for DAT2 signal case an external
O
AF19
E4
AC17
transceiver used
mmc2_dir_dat3
Direction control for DAT4, DAT5, DAT6, and DAT7
O
AE21
G3
AB16
signals case an external transceiver used
mmc2_clkin
MMC/SD input Clock
I
AE3
K3
AA1
mmc2_dat0
MMC/SD Card Data bit 0
IO
AH5
T10
AB3
mmc2_dat1
MMC/SD Card Data bit 1
IO
AH4
T9
Y3
mmc2_dat2
MMC/SD Card Data bit 2
IO
AG4
U10
W3
mmc2_dat3
MMC/SD Card Data bit 3
IO
AF4
U9
V3
mmc2_dat4
MMC/SD Card Data bit 4
IO
AE4 / AB3
P9 / V10
AB2 / T5
mmc2_dat5
MMC/SD Card Data bit 5
IO
AH3 / AB4
M3/P8
AA2 / R4
mmc2_dat6
MMC/SD Card Data bit 6
IO
AF3 / AA4
L3/P7
Y2 / T4
mmc2_dat7
MMC/SD Card Data bit 7
IO
AE3 / AC2
K3/R7
AA1 / T6
mmc2_dir_cmd
Direction control for CMD signal case an external
O
AF3
L3
Y2
transceiver is used
mmc2_cmd
MMC/SD command signal
IO
AG5
R10
AB5
MULTIMEDIA MEMORY CARD (MMC3) / SECURE DIGITAL IO (SDIO3)
mmc3_clk
MMC/SD Output Clock
O
AB1 / AF10
R9 / AB2
AC1
mmc3_cmd
MMC/SD command signal
IO
AC3 / AE10
R8 / AB3
AD3
mmc3_dat0
MMC/SD Card Data bit 0 / SPI Serial Input
IO
AE4 / AE11
V10 / Y3
AB2 / AC5
mmc3_dat1
MMC/SD Card Data bit 1
IO
AH3 / AH9
M3/AB1
AA2 / AD2
mmc3_dat2
MMC/SD Card Data bit 2
IO
AF3 / AF13
L3/AE3
Y2 / AC8
mmc3_dat3
MMC/SD Card Data bit 3
IO
AE3 / AE13
K3/AA3
AA1 / AD8
mmc3_dat4
MMC/SD Card Data bit 4
IO
AF11
AC3
AD6
mmc3_dat5
MMC/SD Card Data bit 5
IO
AG9
V2
AD5
mmc3_dat6
MMC/SD Card Data bit 6
IO
AF9
AA4
AC4
mmc3_dat7
MMC/SD Card Data bit 7
IO
AH14
AD2
AD9
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
105
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com