Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 138 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 134Page - Texas Instruments AM3703 Datasheet HTML 135Page - Texas Instruments AM3703 Datasheet HTML 136Page - Texas Instruments AM3703 Datasheet HTML 137Page - Texas Instruments AM3703 Datasheet HTML 138Page - Texas Instruments AM3703 Datasheet HTML 139Page - Texas Instruments AM3703 Datasheet HTML 140Page - Texas Instruments AM3703 Datasheet HTML 141Page - Texas Instruments AM3703 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
4.2
Output Clocks Specifications
4.2.1
sys_clkout1 Output Clock
Table 4-10 summarizes the sys_clkout1 ouput clock electrical characteristics.
Table 4-10. sys_clkout1 Output Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_clkout1
sys_xtalin / sys_xtalout clock frequency
MHz
SC[0:1] = 00(1)
CL
Load capacitance (transmission line load + far end load)
4
60
pF
ZT
Transmission line impedance
30
70
Ω
LT
Transmission line length
2
20
cm
SC[0:1] = 01(1)
CL
Load capacitance (transmission line load + far end load)
7
33
pF
ZT
Transmission line impedance
30
70
Ω
LT
Transmission line length
2
8
cm
SC[0:1] = 10(1)
CL
Load capacitance (transmission line load + far end load)
2
21
pF
ZT
Transmission line impedance
30
70
Ω
LT
Transmission line length
1
6
cm
(1) The mode is configured by bits SC0 and SC1 of the IO cell. For more details, see the AM/DM37x Multimedia Device Technical
Reference Manual (SPRUGN4).
Table 4-11 details the sys_clkout1 ouput clock switching characteristics.
Table 4-11. sys_clkout1 Output Clock Switching Characteristics(6)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CO0
1 / tc(CLKOUT1) Frequency, sys_clkout1
sys_xtalin/sys_xtalout clock frequency
MHz
SC[0:1] = 00(1)
CL
Load capacitance
4
60
pF
tJ
Peak-to-peak jitter
X(5) + 693
ps
tJC2C
Cycle-to-cycle jitter
X(5) + 705
ps
tW(CLKOUT1)
Pulse duration, sys_clkout1 low or high
0.45*tc(CLKOUT
0.55*tc(CLKOUT
1)
1)
tR(CLKOUT1)
Rise time, sys_clkout1
1(2) (4)
15(3)
ns
tF(CLKOUT1)
Fall time, sys_clkout1
1(2) (4)
15(3)
ns
SC[0:1] = 01(1)
CL
Load capacitance
7
33
pF
tJ
Peak-to-peak jitter
X(5) + 543
ps
tJC2C
Cycle-to-cycle jitter
X(5) + 555
ps
tW(CLKOUT1)
Pulse duration, sys_clkout1 low or high
0.45*tc(CLKOUT
0.55*tc(CLKOUT
1)
1)
tR(CLKOUT1)
Rise time, sys_clkout1
0.6(2) (4)
7(3)
ns
tF(CLKOUT1)
Fall time, sys_clkout1
0.6(2) (4)
7(3)
ns
SC[0:1] = 10(1)
CL
Load capacitance
2
21
pF
tJ
Peak-to-peak jitter
X(5) + 603
ps
tJC2C
Cycle-to-cycle jitter
X(5) + 615
ps
tW(CLKOUT1)
Pulse duration, sys_clkout1 low or high
0.47*tc(CLKOUT
0.53*tc(CLKOUT
1)
1)
tR(CLKOUT1)
Rise time, sys_clkout1
0.4(2) (4)
5(3)
ns
138
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com