Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 136Page - Texas Instruments AM3703 Datasheet HTML 137Page - Texas Instruments AM3703 Datasheet HTML 138Page - Texas Instruments AM3703 Datasheet HTML 139Page - Texas Instruments AM3703 Datasheet HTML 140Page - Texas Instruments AM3703 Datasheet HTML 141Page - Texas Instruments AM3703 Datasheet HTML 142Page - Texas Instruments AM3703 Datasheet HTML 143Page - Texas Instruments AM3703 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 280 page
background image
SWPS038-012
sys_clkout2
CO0
CO1
CO1
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 4-13. sys_clkout2 Output Clock Switching Characteristics(8) (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tJ
(5)
Peak-to-peak jitter
Source clock:
X%(6) *
ps
sys_xtalin
tc(xtalin) + 200
Source clock:
4% *
ps
core_dpll
tc(coredpll) +
200
Source clock: 54MHz
4% * tc(54mhz)
ps
+ 200
Source clock: 96MHz
4% * tc(96mhz)
ps
+ 200
tR(CLKOUT2)
Rise time, sys_clkout2
1.5(1)
5(2)
ns
tF(CLKOUT2)
Fall time, sys_clkout2
1.5(1)
5(2)
ns
(1) At minimum load
(2) At maximum load (maximum frequency 104 MHz)
(3) Possible divider: 4, 8, 16
(4) Possible divider: 1, 2, 4, 8, or 16
(5) Peak-to-peak jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period
Maximum and minimum are obtained on a statistical population of 300 period samples and expressed relative to the expected clock
period.
(6) Depending on the internal system clock divider configuration (PRCM.PRM_CLKSRC_CTRL[7:6], SYSCLKDIV bit field), the sys_xtalin
input clock can be divided by 2 to provide the standard system clock (SYS_CLK) frequencies. For more information, see the Power,
Reset, and Clock Management / PRCM Functional Description / PRCM Clock Manager Functional Description / External Clock I/Os /
External Clock Inputs / High-Frequency System Clock section of AM/DM37x Multimedia Device Technical Reference Manual (literature
number SPRUGN4).
In X%, X represents then the internal system clock divider with following possible values: X = 1 or 2.
(7) This cycle time specified here is the clock period of the clock going out of sys_clkout2.
(8) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-7. sys_clkout2 Output Clock
4.3
DPLL and DLL Specifications
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Functional
Description / PRCM Clock Manager Functional Description / Internal Clock Generation /
DPLLs section of the AM/DM37x Multimedia Device Technical Reference Manual
(SPRUGN4).
The applicative subsystem integrates five DPLLs and a DLL. The PRM and CM drive those listed below.
The main DPLLs are:
•
DPLL1 (MPU)
•
DPLL3 (Core)
•
DPLL4 (Peripherals)
•
DPLL5 (Second peripherals DPLL)
140
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com