Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 150Page - Texas Instruments AM3703 Datasheet HTML 151Page - Texas Instruments AM3703 Datasheet HTML 152Page - Texas Instruments AM3703 Datasheet HTML 153Page - Texas Instruments AM3703 Datasheet HTML 154Page - Texas Instruments AM3703 Datasheet HTML 155Page - Texas Instruments AM3703 Datasheet HTML 156Page - Texas Instruments AM3703 Datasheet HTML 157Page - Texas Instruments AM3703 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
•
Bypass Mode
– RLOAD = 1.5 kΩ (±1%)
– RSET = 10 kΩ (±1%)
Table 5-3. DAC
—Static Electrical Specifications—Bypass Mode(2)
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
R
Resolution
10
Bits
DC ACCURACY
INL(1)
Integral nonlinearity (INL)
37 to 954 input code range, RLOAD = 1.5 kΩ
–1
1
LSB
DNL(1)
Differential nonlinearity
37 to 954 input code range, RLOAD = 1.5 kΩ
–1
1
LSB
ANALOG OUTPUT
-
Output voltage
RLOAD = 1.5 kΩ
0.6
0.7
0.77
V
-
Output current
RLOAD = 1.5 kΩ
0.6
0.7
0.77
V
-
Gain error
-
–10
10
% FS
POWER CONSUMPTION
Ivdda-up
Analog supply current
Average current on vdda_dac, RLOAD = 1.5 kΩ
0.7
1.0
1.4
mA
Input code 1023
Ivdda-down
Analog supply current, total
T = 30C
º, vdda_dac = 1.8 V, no load
12
μA
power down
Ivdda-stdby
Analog supply current,
Bandgap and internal LDO are ON, all other
90
180
270
μA
standby mode
analog blocks are OFF, no load, T = 30C
º
(1) In bypass mode, output node is cvideo1_out and cvideo2_out nodes. For more information, see Section 5.2, TVOUT Bypass Mode
(DAC Only) or Section 5.3, TVOUT Bypass Mode in Dual-Channel Configuration.
(2) For more information on code range definition, see Figure 5-4.
Table 5-4. Video DAC
—Dynamic Electrical Specifications—Bypass Mode
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
fCLK
Output update rate
Equal to input clock frequency
54
60
MHz
Clock jitter
RMS clock jitter required in order to
40
70
ps
assure 10-bit accuracy
BW
Signal bandwidth
3dB
6
MHz
SFDR
Within bandwidth 1 kHz to 6 MHz
fCLK = 54 MHz, fOUT = 1 MHz, sine
40
50
70
dB
wave input, 111 to 895 input code
range
SNR
Within bandwidth 1 kHz to 6 MHz
fCLK = 54 MHz, fOUT = 1 MHz, sine
50
54
75
dB
wave input, 256 to 768 input code
range
PSR
Power supply rejection (up to 6 MHz)
100 mVpp at 6 MHz, input code 895
6(1)
dB
(1) For more information on code range definition, see Figure 5-4.
5.6
Analog Supply (vdda_dac) Noise Requirements
In order to assure 10-bit accuracy of the DAC analog output, the analog supply vdda_dac has to meet the
noise requirements stated in this section.
The DAC Power Supply Rejection Ratio (PSRR) is defined as the relative variation of the full-scale output
current divided by the supply variation. Thus, it is expressed in percentage of Full-Scale Range (FSR) per
volt
of
supply
variation
as
shown
in
the
following
equation:
154
Video DAC Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com