Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 157 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 153Page - Texas Instruments AM3703 Datasheet HTML 154Page - Texas Instruments AM3703 Datasheet HTML 155Page - Texas Instruments AM3703 Datasheet HTML 156Page - Texas Instruments AM3703 Datasheet HTML 157Page - Texas Instruments AM3703 Datasheet HTML 158Page - Texas Instruments AM3703 Datasheet HTML 159Page - Texas Instruments AM3703 Datasheet HTML 160Page - Texas Instruments AM3703 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
5.7
External Component Value Choice
The output current IDACOUT appearing at the output of the 10-bit DAC is a function of both the input code
DAC_CODE (ranging from 0 to 1023) and IDACMAX and can be expressed as:
IDACOUT = IREF * (DAC_CODE / 120) (1)
The maximum output current IDACMAX from the DAC is given by:
IDACMAX = IREF * 1023 / 120 (2)
The reference current, IREF, is set by a combination of internal and external resistors in series, RREF, and
an internal reference voltage, VREF, and is given by:
IREF = VREF / RREF (3)
Typically, VREF = 0.55 V and RREF = 9.4 kΩ in TVOUT High-Swing mode.
The video signal voltage at cvideo_out1 and cvideo_out2 nodes can be written as (excluding the offset
voltage):
VTVOUT = 35 * RLOAD * IDACMAX * (1 – DAC_CODE / 1023) (4)
Figure 5-6 shows the cvideo_out1 and cvideo_out2 transfer function. Regarding the typical composite
video signal levels versus the DAC input code, for more information on code range definition, see
Figure 5-4.
Regarding the typical values of the typical values for Rout1/2 and Rset resistors, as well for Cout capacitor,
for different modes of the TV display interface, see the Display Subsystem / Display Subsystem
Environment / TV Display Support section of AM/DM37x Technical Reference Manual (literature number
SPRUGN4).
Figure 5-6. cvideo_out1 and cvideo_ou2 Transfer Function
NOTE
The dc levels (Voffset) will be shifted due to process variations.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
157
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com