Electronic Components Datasheet Search
  English  ▼

X  

375V Datasheet(PDF) 1 Page - Vicor Corporation

Part # 375V
Description  Parallelable, with NM fault tolerance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

375V Datasheet(HTML) 1 Page - Vicor Corporation

  375V Datasheet HTML 1Page - Vicor Corporation 375V Datasheet HTML 2Page - Vicor Corporation 375V Datasheet HTML 3Page - Vicor Corporation 375V Datasheet HTML 4Page - Vicor Corporation 375V Datasheet HTML 5Page - Vicor Corporation 375V Datasheet HTML 6Page - Vicor Corporation 375V Datasheet HTML 7Page - Vicor Corporation 375V Datasheet HTML 8Page - Vicor Corporation 375V Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
375V Input
Mini Family
DC-DC Converter Module
375V Mini Family
Rev 9.7
vicorpower.com
Page 1 of 14
02/2017
800 927.9474
Actual size:
2.28 x 2.2 x 0.5in
57,9 x 55,9 x 12,7mm
S
NRTL
CUS
C
US
®
Part Numbering
e.g. V375B12T300BL2
375B
B
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
= - 10 to +100 - 20 to +125
C
= - 20 to +100 - 40 to +125
T
= - 40 to +100 - 40 to +125
H
= - 40 to +100 - 55 to +125
M = - 55 to +100 - 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Product Type
V = Standard
S = Enhanced
efficiency
(avail. ≤12
VOUT only)
Output Voltage
2 = 2V
3V3 = 3.3V
5 = 5V
8 = 8V
12 = 12V
15 = 15V
24 = 24V
28 = 28V
36 = 36V
48 = 48V
Output Power
V
OUT
P
OUT
2V
100W
3.3V
100W, 150W
5V
150W, 200W
8V
200W
12V
200W, 300W
15V
200W, 300W
24V
200W, 300W
28V
200W, 300W
36V
200W, 300W
48V
200W, 300W
Features & Benefits
• DC input range: 250 – 425V
• Isolated ouput
• Input surge withstand: 500V for 100ms
• DC output: 2 – 48V
• Programmable output: 10 to 110%
• Regulation: ±0.3% no load to full load
• Efficiency: Up to 89%
• Maximum operating temp: 100°C,
full load
• Power density: up to 120W per cubic inch
• Height above board: 0.43in. (10,9mm)
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
• RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use advanced
power processing, control and packaging
technologies to provide the performance,
flexibility, reliability and cost effectiveness of a
mature power component.
High frequency ZCS/ZVS switching provides
high power density with low noise and
high efficiency.
Parameter
Rating
Unit
Notes
+IN to –IN voltage
-0.5 to +525
VDC
PC to –IN voltage
-0.5 to +7.0
VDC
PR to –IN voltage
-0.5 to +7.0
VDC
SC to -OUT voltage
-0.5 to +1.5
VDC
-Sense to -OUT voltage
1.0
VDC
Isolation voltage
IN to OUT
3000
VRMS
Test voltage
IN to base
1500
VRMS
Test voltage
OUT to base
500
VRMS
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Absolute Maximum Ratings
Applications
Off-line systems with auto-ranging or PFC front ends, industrial and process control,
distributed power, medical, ATE, communications, defense and aerospace.
For details on proper operation please refer to the:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.


Similar Part No. - 375V

ManufacturerPart #DatasheetDescription
logo
Powerbox
375V POWERBOX-375V Datasheet
211Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
More results

Similar Description - 375V

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H55R CONNOR-WINFIELD-H55R Datasheet
62Kb / 1P
TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
H56 CONNOR-WINFIELD-H56 Datasheet
59Kb / 1P
TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
logo
Vicor Corporation
V300C24M150BL VICOR-V300C24M150BL Datasheet
817Kb / 13P
Parallelable, with NM fault tolerance
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
Surge Stopper with Fault Latchoff
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
8-Channel Parallelable 1A Buck DC/DCs
logo
WALSIN TECHNOLOGY CORPO...
UF15NR05P250CT WALSIN-UF15NR05P250CT Datasheet
2Mb / 8P
Microwave MLCC with Narrow-Tolerance
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
Surge Stopper with Fault Latchoff
4/19-REV.D
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com