Electronic Components Datasheet Search
  English  ▼

X  

375V Datasheet(PDF) 2 Page - Vicor Corporation

Part # 375V
Description  Parallelable, with NM fault tolerance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

375V Datasheet(HTML) 2 Page - Vicor Corporation

  375V Datasheet HTML 1Page - Vicor Corporation 375V Datasheet HTML 2Page - Vicor Corporation 375V Datasheet HTML 3Page - Vicor Corporation 375V Datasheet HTML 4Page - Vicor Corporation 375V Datasheet HTML 5Page - Vicor Corporation 375V Datasheet HTML 6Page - Vicor Corporation 375V Datasheet HTML 7Page - Vicor Corporation 375V Datasheet HTML 8Page - Vicor Corporation 375V Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
375V Mini Family
Rev 9.7
vicorpower.com
Page 2 of 14
02/2017
800 927.9474
375V Input
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1
%
Of nominal output voltage. Nominal input; full load; 25°C
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Of nominal output voltage. For trimming below 90%
Programming range
10
110
%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+OUT to –OUT, +Sense to –OUT — Absolute Maximum Ratings
2V
-0.5 to 3.1
VDC
Externally applied
3.3V
-0.5 to 4.7
VDC
Externally applied
5V
-0.5 to 7.0
VDC
Externally applied
8V
-0.5 to 10.9
VDC
Externally applied
12V
-0.5 to 16.1
VDC
Externally applied
15V
-0.5 to 20.0
VDC
Externally applied
24V
-0.5 to 31.7
VDC
Externally applied
28V
-0.5 to 36.9
VDC
Externally applied
36V
-0.5 to 47.1
VDC
Externally applied
48V
-0.5 to 62.9
VDC
Externally applied
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
250
375
425
VDC
Input surge withstand
500
VDC
<100ms
Undervoltage turn-on
242.5
247.5
VDC
Undervoltage turn-off
204.7
212.2
VDC
Overvoltage turn-off/on
429.2
446.3
467.5
VDC
Disabled input current
1.1
mA
PC pin low
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Note: The permissible load current must never be exceeded during normal, abnormal or test conditions. For additional output related application
information, please refer to output connections on page 9.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000LFM
1.9
°C/Watt
Thermal capacity
83
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified.
All temperatures refer to the operating temperature at the center of the baseplate.
Module Family Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com