Electronic Components Datasheet Search
  English  ▼

X  

375V Datasheet(PDF) 5 Page - Vicor Corporation

Part # 375V
Description  Parallelable, with NM fault tolerance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

375V Datasheet(HTML) 5 Page - Vicor Corporation

  375V Datasheet HTML 1Page - Vicor Corporation 375V Datasheet HTML 2Page - Vicor Corporation 375V Datasheet HTML 3Page - Vicor Corporation 375V Datasheet HTML 4Page - Vicor Corporation 375V Datasheet HTML 5Page - Vicor Corporation 375V Datasheet HTML 6Page - Vicor Corporation 375V Datasheet HTML 7Page - Vicor Corporation 375V Datasheet HTML 8Page - Vicor Corporation 375V Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
375V Mini Family
Rev 9.7
vicorpower.com
Page 5 of 14
02/2017
800 927.9474
375V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B5C150BL (enhanced efficiency)
83.0
85.0
%
Nominal input; full load; 25°C
V375B5C150BL (standard efficiency)
82
83.4
Ripple and noise
169
211
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.5
6.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30
Amps
Current limit
30.6
34.5
40.5
Amps
Output voltage 95% of nominal
Short circuit current
21
34.5
40.5
Amps
Output voltage <250mV
5VOUT, 150W (e.g. S375B5C150BL, V375B5C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B12C200BL (enhanced efficiency)
85.2
86.7
%
Nominal input; full load; 25°C
V375B12C200BL (standard efficiency)
84.5
85.8
Ripple and noise
258
323
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
8.5
10
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
16.67
Amps
Current limit
17
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage <250mV
12VOUT, 200W (e.g. S375B12C200BL , V375B12C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B12C300BL (enhanced efficiency)
86.0
89.0
%
Nominal input; full load; 25°C
V375B12C300BL (standard efficiency)
85.5
86.7
Ripple and noise
280
360
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6
9
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
35
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
35
Amps
Output voltage <250mV
12VOUT, 300W (e.g. S375B12C300BL, V375B12C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B8C200BL (enhanced efficiency)
84.0
87.0
%
Nominal input; full load; 25°C
V375B8C200BL (standard efficiency)
83
84.2
Ripple and noise
320
400
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6
6.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250mV
8VOUT, 200W (e.g. S375B8C200BL, V375B8C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com