Electronic Components Datasheet Search
  English  ▼

X  

STTH1L06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1L06-Y
Description  Low conduction losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1L06-Y Datasheet HTML 1Page - STMicroelectronics STTH1L06-Y Datasheet HTML 2Page - STMicroelectronics STTH1L06-Y Datasheet HTML 3Page - STMicroelectronics STTH1L06-Y Datasheet HTML 4Page - STMicroelectronics STTH1L06-Y Datasheet HTML 5Page - STMicroelectronics STTH1L06-Y Datasheet HTML 6Page - STMicroelectronics STTH1L06-Y Datasheet HTML 7Page - STMicroelectronics STTH1L06-Y Datasheet HTML 8Page - STMicroelectronics STTH1L06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
August 2014
DocID026707 Rev 1
1/9
STTH1L06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet
- production data
Features
• Ultrafast recovery
• Low conduction losses
• High surge capability
• Low leakage current
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
• VRRM guaranteed from -40 to +175 °C
Description
The STTH1L06-Y is an ultrafast recovery power
rectifier dedicated to energy recovery in
automotive application housed in SMBflat to
improve space saving.
It is especially designed for clamping function in
energy recovery block.
The compromise between forward voltage drop
and recovery time offers optimized performances.
K
A
SMBflat
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
1 A
VRRM
600 V
Tj (max)
175 °C
VF (typ)
0.9 V
Trr (typ)
45 ns
www.st.com


Similar Part No. - STTH1L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
248Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y_V01 Datasheet
248Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
More results

Similar Description - STTH1L06-Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6609TR1 IRF-IRF6609TR1 Datasheet
264Kb / 11P
Low Conduction Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
Low Conduction Losses and Switching Losses
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
Low Conduction Losses and Switching Losses
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
Low Conduction Losses
IRF7807VD1PBF IRF-IRF7807VD1PBF_15 Datasheet
1Mb / 9P
LOW CONDUCTION LOSSES
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
Very low conduction losses
logo
Vishay Siliconix
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
Very low conduction losses
10-Jun-15
logo
STMicroelectronics
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
231Kb / 8P
Low conduction losses
04-Aug-2014
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com