Electronic Components Datasheet Search
  English  ▼

X  

STTH1L06-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1L06-Y
Description  Low conduction losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1L06-Y Datasheet HTML 1Page - STMicroelectronics STTH1L06-Y Datasheet HTML 2Page - STMicroelectronics STTH1L06-Y Datasheet HTML 3Page - STMicroelectronics STTH1L06-Y Datasheet HTML 4Page - STMicroelectronics STTH1L06-Y Datasheet HTML 5Page - STMicroelectronics STTH1L06-Y Datasheet HTML 6Page - STMicroelectronics STTH1L06-Y Datasheet HTML 7Page - STMicroelectronics STTH1L06-Y Datasheet HTML 8Page - STMicroelectronics STTH1L06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID026707 Rev 1
5/9
STTH1L06-Y
Characteristics
9
Figure 13. Thermal resistance junction to ambient versus copper surface under each lead
(typical values)
Rth(j-a)(°C/W)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMBflat
S
(cm²)
cu
epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com