Electronic Components Datasheet Search
  English  ▼

X  

STTH1512-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1512-Y
Description  High reverse voltage capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
July 2013
DocID024059 Rev 1
1/9
STTH1512-Y
Automotive ultrafast recovery, high voltage diode
Datasheet
− production data
Features
• Ultrafast, soft recovery
• Very low conduction and switching losses
• High frequency and/or high pulsed current
operation
• High reverse voltage capability
• High junction temperature
• AEC-Q101 qualified
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device for automotive applications.
Table 1. Device summary
Symbol
Value
IF(AV)
15 A
VRRM
1200 V
Tj
175 °C
VF (typ)
1.20 V
trr (typ)
53 ns
NC
A
DPAK
2
STTH1512GY
A
K
K
www.st.com


Similar Part No. - STTH1512-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
309Kb / 11P
1200 V Automotive ultrafast recovery, high voltage diode
21-Nov-2018
STTH1512-Y STMICROELECTRONICS-STTH1512-Y_V01 Datasheet
309Kb / 11P
1200 V Automotive ultrafast recovery, high voltage diode
21-Nov-2018
More results

Similar Description - STTH1512-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP3305H2 FAIRCHILD-FJP3305H2 Datasheet
288Kb / 6P
High Voltage Capability
logo
Inchange Semiconductor ...
BUD48A ISC-BUD48A Datasheet
209Kb / 2P
High Voltage Capability
BUX98P ISC-BUX98P Datasheet
205Kb / 2P
High Voltage Capability
logo
STMicroelectronics
STT13005FP STMICROELECTRONICS-STT13005FP Datasheet
268Kb / 10P
High voltage capability
September 2009 Rev 2
TRD136D STMICROELECTRONICS-TRD136D Datasheet
387Kb / 12P
High voltage capability
28-Jun-2011
TRD236D STMICROELECTRONICS-TRD236D Datasheet
247Kb / 12P
High voltage capability
June 2011 Rev 1
logo
Central Semiconductor C...
CDM3-800 CENTRAL-CDM3-800 Datasheet
967Kb / 4P
High voltage capability
CDM7-600LR CENTRAL-CDM7-600LR Datasheet
1Mb / 4P
High voltage capability
CDM2205-800FP CENTRAL-CDM2205-800FP Datasheet
932Kb / 4P
High voltage capability
CDM22011-600LRFP CENTRAL-CDM22011-600LRFP Datasheet
985Kb / 4P
High voltage capability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com