Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 40 Page - Micronas

Part # HAL815
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 40 Page - Micronas

Back Button HAL815 Datasheet HTML 36Page - Micronas HAL815 Datasheet HTML 37Page - Micronas HAL815 Datasheet HTML 38Page - Micronas HAL815 Datasheet HTML 39Page - Micronas HAL815 Datasheet HTML 40Page - Micronas HAL815 Datasheet HTML 41Page - Micronas HAL815 Datasheet HTML 42Page - Micronas HAL815 Datasheet HTML 43Page - Micronas HAL815 Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
40
Sept. 19, 2013; APN000046_03EN
Micronas
5.3.
Programming of the Sensor
5.3.1.
Definition of Programming Pulses
The sensor is addressed by modulating a serial telegram on the supply voltage. The
sensor answers with a serial telegram on the output pin.
The bits in the serial telegram have a different bit time for the VDD-line and the output.
The bit time for the VDD-line is defined through the length of the Sync bit at the begin-
ning of each telegram. The bit time for the output is defined through the Acknowledge
bit.
A logical “0” is coded as no voltage change within the bit time. A logical “1” is coded as
a voltage change between 50% and 80% of the bit time. After each bit, a voltage
change occurs.
5.3.2.
Definition of the Telegram
Each telegram starts with the Sync bit (logical 0), 3 bits for the Command (COM), the
Command Parity bit (CP), 4 bits for the Address (ADR), and the Address Parity bit (AP).
There are 4 kinds of telegrams:
Write a register
After the AP bit, follow 14 Data bits (DAT) and the Data Parity bit (DP). If the telegram is
valid and the command has been processed, the sensor answers with an Acknowledge
bit (logical 0) on the output (see Fig. 5–2).
Read a register
After evaluating this command, the sensor answers with the Acknowledge bit, 14 Data
bits, and the Data Parity bit on the output (see Fig. 5–3).
Programming the
EEPROM cells
After evaluating this command, the sensor answers with the Acknowledge bit. After the
delay time tw, the supply voltage rises up to the programming voltage (see Fig. 5–4).
Activate a sensor
If more than one sensor is connected to the supply line, selection can be done by first
deactivating all sensors. The output of all sensors will be pulled to ground. With an Acti-
vate pulse on the appropriate output pin, an individual sensor can be selected. All fol-
lowing commands will only be accepted from the activated sensor (see Fig. 5–5).
Note: In case of HAL 82x, HAL83x, HAL 880 and HAL1002 an additional 10 k
 pull-
down resistor is required during programming. Firmware rev. 1.33 can be used
alternatively.
Lock a sensor
To lock the EEPROM registers, the lock bit has to be set. In case of HAL 82x, HAL83x,
HAL880 and HAL1002 it is necessary to write the lock bit into the lock register (see
Fig. 5–2). If the telegram is valid and the command has been processed, the sensor
answers with an Acknowledge Bit (logical 0) on the output. In order to store the lock bit
permanently, an erase and program command have to be sent to the sensor. The is the
same procedure as mentioned above (see Programming the EEPROM cells and
Fig. 5–4). The EEPROM registers are locked after a power on reset. For HAL 805,
HAL 815, HAL817, HAL 810 and HAL1000 the lock command must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com