Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 96 Page - Micronas

Part # HAL815
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 96 Page - Micronas

Back Button HAL815 Datasheet HTML 92Page - Micronas HAL815 Datasheet HTML 93Page - Micronas HAL815 Datasheet HTML 94Page - Micronas HAL815 Datasheet HTML 95Page - Micronas HAL815 Datasheet HTML 96Page - Micronas HAL815 Datasheet HTML 97Page - Micronas HAL815 Datasheet HTML 98Page - Micronas HAL815 Datasheet HTML 99Page - Micronas HAL815 Datasheet HTML 100Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
96
Sept. 19, 2013; APN000046_03EN
Micronas
7.5.
The Programming Procedure
The general programming procedure is described in detail for the HAL856.
An example for a programming procedure is given in Fig. 7–5.
First, the programmer board has to be initialized. Then, the sensor can be calibrated.
Please keep in mind that only one HAL856 can be connected to the board!
Example:
Fig. 7–5:
General procedure
BEGIN
INITIALIZE BOARD
STX j 3 ETX
[Set Board Mode]
STX z CHR$(85) ETX
[Set Protocol Bittime]
STX n ETX
[Switch Vdd on]
DELAY 20 ms
CALIBRATE SENSOR
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com