Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 83 Page - Micronas

Part # HAL815
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 83 Page - Micronas

Back Button HAL815 Datasheet HTML 79Page - Micronas HAL815 Datasheet HTML 80Page - Micronas HAL815 Datasheet HTML 81Page - Micronas HAL815 Datasheet HTML 82Page - Micronas HAL815 Datasheet HTML 83Page - Micronas HAL815 Datasheet HTML 84Page - Micronas HAL815 Datasheet HTML 85Page - Micronas HAL815 Datasheet HTML 86Page - Micronas HAL815 Datasheet HTML 87Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
83
7. Operation Mode 3
HAL856
This operation mode is set by sending the “j3” command.
Note: The HAL856 is a two-wire device. It is programmed by modulating the supply
voltage, and it responds by modulating its current consumption. In order to
detect the current levels of the sensor, the Hall Programmer Board V 5.1 mea-
sures the sensor’s supply current. Hence, only one HAL856 can be connected
to the board.
Communication:
PC
prog. board
Section 7.1 and Section 7.2 contain a detailed description of communication between
the PC and the programmer board V 5.1. Particularly, all board commands available in
the operation mode “j3” are listed.
Communication:
prog. board
sensor
The communication between the programmer board and the Hall sensor is described in
Section 7.3
Data formats
The data formats for communication between both the PC and the board, and the
board and the sensor are summarized in Section 7.4
Programming
procedure
Finally, Section 7.5 depicts the programming procedure and gives an example of a
complete programming sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com