Electronic Components Datasheet Search
  English  ▼

X  

STD4N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD4N80K5 Datasheet HTML 3Page - STMicroelectronics STD4N80K5 Datasheet HTML 4Page - STMicroelectronics STD4N80K5 Datasheet HTML 5Page - STMicroelectronics STD4N80K5 Datasheet HTML 6Page - STMicroelectronics STD4N80K5 Datasheet HTML 7Page - STMicroelectronics STD4N80K5 Datasheet HTML 8Page - STMicroelectronics STD4N80K5 Datasheet HTML 9Page - STMicroelectronics STD4N80K5 Datasheet HTML 10Page - STMicroelectronics STD4N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID025105 Rev 3
7/23
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
Electrical characteristics
23
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Normalized gate threshold voltage vs
temperature
ID
4
2
0
0
8
VDS(V)
16
(A)
4
12
6V
7V
VGS=10, 11 V
5
3
1
8V
9V
AM15989v1
ID
4
2
0
5
7
VGS(V)
9
(A)
6
8
1
3
5
VDS=20V
10
AM15990v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=640V
ID=3A
300
200
100
0
400
VDS (V)
500
VDS
12
10
600
AM15991v1
VGS(th)
1
0.8
0.6
0.4
-50
0
TJ(°C)
(norm)
50
100
ID=100µA
VDS=VGS
AM15639v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com