Electronic Components Datasheet Search
  English  ▼

X  

STD4N80K5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N80K5 Datasheet(HTML) 2 Page - STMicroelectronics

  STD4N80K5 Datasheet HTML 1Page - STMicroelectronics STD4N80K5 Datasheet HTML 2Page - STMicroelectronics STD4N80K5 Datasheet HTML 3Page - STMicroelectronics STD4N80K5 Datasheet HTML 4Page - STMicroelectronics STD4N80K5 Datasheet HTML 5Page - STMicroelectronics STD4N80K5 Datasheet HTML 6Page - STMicroelectronics STD4N80K5 Datasheet HTML 7Page - STMicroelectronics STD4N80K5 Datasheet HTML 8Page - STMicroelectronics STD4N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Contents
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
2/23
DocID025105 Rev 3
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.1
DPAK(TO-252), package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
4.2
TO-220FP, package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4.3
TO-220, package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4.4
IPAK(TO-251), package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com