Electronic Components Datasheet Search
  English  ▼

X  

STD4N80K5 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STD4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N80K5 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STD4N80K5 Datasheet HTML 15Page - STMicroelectronics STD4N80K5 Datasheet HTML 16Page - STMicroelectronics STD4N80K5 Datasheet HTML 17Page - STMicroelectronics STD4N80K5 Datasheet HTML 18Page - STMicroelectronics STD4N80K5 Datasheet HTML 19Page - STMicroelectronics STD4N80K5 Datasheet HTML 20Page - STMicroelectronics STD4N80K5 Datasheet HTML 21Page - STMicroelectronics STD4N80K5 Datasheet HTML 22Page - STMicroelectronics STD4N80K5 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
22/23
DocID025105 Rev 3
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
09-Aug-2013
1
First release
13-Dec-2013
2
– Added: IPAK package
– Added: Table 11 and Figure 29
– Minor text changes
04-Feb-2015
3
– Updated title and description in cover page.
– Updated Table 2.: Absolute maximum ratings, Table 5.: Dynamic
and Table 7.: Source drain diode.
– Updated 4: Package information and 5: Packaging mechanical
data.
– Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com