Electronic Components Datasheet Search
  English  ▼

X  

STF42N60M2-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF42N60M2-EP
Description  N-channel 600 V, 0.076 ??typ., 34 A MDmesh™M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF42N60M2-EP Datasheet(HTML) 1 Page - STMicroelectronics

  STF42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2015
DocID027376 Rev 1
1/16
STF42N60M2-EP,
STFW42N60M2-EP
N-channel 600 V, 0.076
Ω typ., 34 A MDmesh™ M2 EP
Power MOSFETs in TO-220FP and TO-3PF packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• Very low turn-off switching losses
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
• Tailored for very high frequency converters
(f > 150 kHz)
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 EP enhanced
performance technology. Thanks to their strip
layout and improved vertical structure, the
devices exhibit low on-resistance and optimized
switching characteristics with very low turn-off
switching losses, rendering them suitable for the
most demanding very high frequency converters.
AM01476v1
TO-220FP
TO-3PF
1
2
3
Order codes
VDS @
TJmax
RDS(on)
max
ID
STF42N60M2-EP
650 V
0.087
Ω
34 A
STFW42N60M2-EP
Table 1. Device summary
Order codes
Marking
Package
Packaging
STF42N60M2-EP
42N60M2EP
TO-220FP
Tube
STFW42N60M2-EP
TO-3PF
www.st.com


Similar Part No. - STF42N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
logo
Inchange Semiconductor ...
STF42N65M5 ISC-STF42N65M5 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF42N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
10-Dec-2014
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
N-channel 600 V, 0.076 Ω typ., 34 A MDmesh™ M2 EP Power MOSFETs in D²PAK, TO-220 and TO-247 packages
20-Jan-2015
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com