Electronic Components Datasheet Search
  English  ▼

X  

STF42N60M2-EP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF42N60M2-EP
Description  N-channel 600 V, 0.076 ??typ., 34 A MDmesh™M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF42N60M2-EP Datasheet(HTML) 3 Page - STMicroelectronics

  STF42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID027376 Rev 1
3/16
STF42N60M2-EP, STFW42N60M2-EP
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
VGS
Gate-source voltage
± 25
V
ID
(1)
1.
Limited by maximum junction temperature
Drain current (continuous) at TC = 25 °C
34
A
ID
(1)
Drain current (continuous) at TC = 100 °C
22
A
IDM
(1),(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
136
A
PTOT
Total dissipation at TC = 25 °C
40
63
W
dv/dt (3)
3.
ISD ≤ 34 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=400 V.
Peak diode recovery voltage slope
15
V/ns
dv/dt(4)
4.
VDS ≤ 480 V
MOSFET dv/dt ruggedness
50
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s; TC=25 °C)
2500
3500
V
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
Rthj-case Thermal resistance junction-case max
3.13
2.00
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
50
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not
repetitive (pulse width limited by Tjmax)
6A
EAS
Single pulse avalanche energy (starting
Tj =25°C, ID =IAR;VDD =50 V)
800
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com