Electronic Components Datasheet Search
  English  ▼

X  

STF110N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF110N10F7
Description  N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF110N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF110N10F7 Datasheet HTML 2Page - STMicroelectronics STF110N10F7 Datasheet HTML 3Page - STMicroelectronics STF110N10F7 Datasheet HTML 4Page - STMicroelectronics STF110N10F7 Datasheet HTML 5Page - STMicroelectronics STF110N10F7 Datasheet HTML 6Page - STMicroelectronics STF110N10F7 Datasheet HTML 7Page - STMicroelectronics STF110N10F7 Datasheet HTML 8Page - STMicroelectronics STF110N10F7 Datasheet HTML 9Page - STMicroelectronics STF110N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STF110N10F7, STP110N10F7
6/16
DocID024058 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for TO-220FP
Figure 3. Thermal impedance for TO-220FP
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM15957v1
Single pulse
0.05
0.02
0.01
δ=0.5
K
10
tp(s)
-5
10
-4
10
-3
10
-3
10
-6
10
-4
10
-2
10
-2
10
-1
Zth_TOFPDEF
Figure 4. Safe operating area for TO-220
Figure 5. Thermal impedance for TO-220
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM15958v1
Single pulse
0.05
0.02
0.01
δ=0.5
K
10
tp(s)
-5
10
-4
10
-3
10
-2
10
-6
10
-3
10
-2
10
-1
Zth_280TOL
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
300
200
100
0
0
2
VDS(V)
4
(A)
1
3
5
4V
5V
6V
VGS=8, 9, 10V
150
50
250
6
7V
7
8
350
AM15948v1
ID
300
200
100
0
0
4
VGS(V)
8
(A)
2
6
VDS=2V
50
150
250
AM15949v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com