Electronic Components Datasheet Search
  English  ▼

X  

STF110N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF110N10F7
Description  N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF110N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF110N10F7 Datasheet HTML 1Page - STMicroelectronics STF110N10F7 Datasheet HTML 2Page - STMicroelectronics STF110N10F7 Datasheet HTML 3Page - STMicroelectronics STF110N10F7 Datasheet HTML 4Page - STMicroelectronics STF110N10F7 Datasheet HTML 5Page - STMicroelectronics STF110N10F7 Datasheet HTML 6Page - STMicroelectronics STF110N10F7 Datasheet HTML 7Page - STMicroelectronics STF110N10F7 Datasheet HTML 8Page - STMicroelectronics STF110N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
July 2013
DocID024058 Rev 2
1/16
16
STF110N10F7,
STP110N10F7
N-channel 100 V, 5.1 m
Ω typ., 110 A, STripFET™ VII DeepGATE™
Power MOSFETs in TO-220FP and TO-220 packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices utilize the 7th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
TO-220
TO-220FP
1
2
3
1
2
3
TAB
Order codes
VDS RDS(on) max
ID
PTOT
STF110N10F7
100 V
0.007
Ω
45 A
30 W
STP110N10F7
110 A
150 W
Table 1. Device summary
Order codes
Marking
Package
Packaging
STF110N10F7
110N10F7
TO-220FP
Tube
STP110N10F7
TO-220
www.st.com


Similar Part No. - STF110N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF110N10F7 ISC-STF110N10F7 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF110N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STP85NF55 STMICROELECTRONICS-STP85NF55_V01 Datasheet
929Kb / 18P
Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
16-Jan-2019
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com