Electronic Components Datasheet Search
  English  ▼

X  

STF110N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF110N10F7
Description  N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF110N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STF110N10F7 Datasheet HTML 1Page - STMicroelectronics STF110N10F7 Datasheet HTML 2Page - STMicroelectronics STF110N10F7 Datasheet HTML 3Page - STMicroelectronics STF110N10F7 Datasheet HTML 4Page - STMicroelectronics STF110N10F7 Datasheet HTML 5Page - STMicroelectronics STF110N10F7 Datasheet HTML 6Page - STMicroelectronics STF110N10F7 Datasheet HTML 7Page - STMicroelectronics STF110N10F7 Datasheet HTML 8Page - STMicroelectronics STF110N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID024058 Rev 2
3/16
STF110N10F7, STP110N10F7
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
TO-220
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
This value is rated according to Rthj-c.
Drain current (continuous) at TC = 25 °C
45
110
A
ID
(1)
Drain current (continuous) at TC = 100 °C
32
76
A
IDM
(2)
2.
Limited by safe operating area.
Drain current (pulsed)
180
415
A
PTOT
(1)
Total dissipation at Tc = 25 °C
30
150
W
EAS
(3)
3.
Starting TJ=25 °C, ID=18, VDD=50 V.
Single pulse avalanche energy
490
mJ
TJ
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
TO-220FP
TO-220
Rthj-case
Thermal resistance junction-case
5.00
1.00
°C/W
Rthj-amb
Thermal resistance junction-amb
62.50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com