Electronic Components Datasheet Search
  English  ▼

X  

SA637 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA637
Description  Low-voltage digital IF receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA637 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA637 Datasheet HTML 1Page - NXP Semiconductors SA637 Datasheet HTML 2Page - NXP Semiconductors SA637 Datasheet HTML 3Page - NXP Semiconductors SA637 Datasheet HTML 4Page - NXP Semiconductors SA637 Datasheet HTML 5Page - NXP Semiconductors SA637 Datasheet HTML 6Page - NXP Semiconductors SA637 Datasheet HTML 7Page - NXP Semiconductors SA637 Datasheet HTML 8Page - NXP Semiconductors SA637 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA637
Low-voltage digital IF receiver
2
October 27, 1993
853-1718 11205
DESCRIPTION
The SA637 is a low-voltage high performance
monolithic digital system with high-speed
RSSI incorporating a mixer, oscillator with
buffered output, two limiting intermediate
frequency amplifiers, fast logarithmic
received signal strength indicator (RSSI),
voltage regulator, RSSI op amp and power
down pin. The SA637 is available in SSOP
(shrink small outline package).
The SA637 was designed for portable digital
communication applications and will function
down to 2.7V. The limiter amplifier has
differential outputs with 2MHz small signal
bandwidth. The RSSI output has access to
the feedback pin. This enables the designer
to level adjust the outputs or add filtering.
FEATURES
• V
CC = 2.7 to 5.5V
• Low power receiver (3.8mA @ 3V)
• Power down mode (I
CC = 110µA)
• Fast RSSI rise and fall times
• Extended RSSI range with temperature
compensation
• RSSI op amp
• 2MHz limiter small signal bandwidth
• 455kHz filter matching (1.5kΩ)
• Differential limiter output
• Oscillator buffer
• SSOP-20 package
APPLICATIONS
• ADC (American Digital Cellular)
• Digital receiver systems
• Cellular radio
PIN CONFIGURATION
DK Packages
MIXER
OUTPUT
IF AMP IN
GND
LIMITER IN
LIM OUT (+)
RFIN
RFIN
OSC E
OSC B
OSC
BUFFER
RSSI
RSSI
FEEDBACK
POWER
DOWN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
LIM OUT (-)
VCC
IF AMP
DECOUP
IF AMP
DECOUP
IF AMP OUT
LIMITER
DECOUP
LIMITER
DECOUP
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (Surface-mount)
-40 to +85
°C
SA637DK
1563
BLOCK DIAGRAM
OSCILLATOR
MIXER
+
–
+ –
IF
AMP
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
E
B
LIMITER
VCC
GND
FAST RSSI
POWER
DOWN


Similar Part No. - SA637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630 Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630 NXP-SA630 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D PHILIPS-SA630D Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630D NXP-SA630D Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D01 NXP-SA630D01 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
More results

Similar Description - SA637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA647 PHILIPS-SA647 Datasheet
123Kb / 14P
Low-voltage digital IF receiver
1998 Aug 10
logo
List of Unclassifed Man...
RX3140 ETC-RX3140 Datasheet
233Kb / 8P
RX3140 Low Power IF Receiver IC
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
logo
Analog Devices
AD6672 AD-AD6672 Datasheet
1Mb / 32P
IF Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
IF Receiver
REV. C
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com