Electronic Components Datasheet Search
  English  ▼

X  

SA637 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA637
Description  Low-voltage digital IF receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA637 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA637 Datasheet HTML 1Page - NXP Semiconductors SA637 Datasheet HTML 2Page - NXP Semiconductors SA637 Datasheet HTML 3Page - NXP Semiconductors SA637 Datasheet HTML 4Page - NXP Semiconductors SA637 Datasheet HTML 5Page - NXP Semiconductors SA637 Datasheet HTML 6Page - NXP Semiconductors SA637 Datasheet HTML 7Page - NXP Semiconductors SA637 Datasheet HTML 8Page - NXP Semiconductors SA637 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA637
Low-voltage digital IF receiver
October 27, 1993
4
AC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
RF RSSI output
RF level = -118dBm
.01
0.2
.65
V
RF level = -68dBm
.4
0.9
1.7
V
RF level = -28dBm
1.0
1.7
2.3
V
RSSI range
90
dB
RSSI accuracy
±1.5
dB
RSSI ripple
30
mVP-P
RSSI speed
Rise time
No interstage filter
2.5
µs
With interstage filter
22
µs
RSSI speed
Fall time
No interstage filter
10
µs
With interstage filter
50
µs
IF input impedance
1.5
k
Ω
IF output impedance
1.5
k
Ω
Limiter input impedance
1.5
k
Ω
Limiter output impedance
(Pin 10, Pin 11)
200
Ω
Limiter output signal level
(Pin 10, Pin 11) 1.5k
Ω AC load
280
mVP-P
Limiter output DC level
1.27
V
Differential output matching
±6
mV
Differential output offset
±30
mV
CIRCUIT DESCRIPTION
Mixer
The mixer has a balanced input and is
capable of being driven single-ended. The
input impedance is 2.5k
Ω in parallel with a
2.2pF cap at 90MHz RF. The mixer output
can drive a 1500
Ω ceramic filter at 455kHz or
600kHz directly without any matching
required. The mixer conversion power gain is
7dB when both input and output are matched
and optimum LO level is used to drive the
internal mixer core.
Oscillator and Buffer
The on-board oscillator supplies the signal for
the mixer down-conversion. The internally
biased transistor can be configured as a
Colpitts or Butler overtone crystal oscillator.
The transistor’s bias current can be
increased if desired by adding a shunt
resistor from Pin 3 to ground. The oscillator’s
buffered output (Pin 5) can be used as a
feedback signal to lock the oscillator to an
appropriate reference.
IF Amplifier and IF Limiter
The IF strip provides more than 95dB of
power gain for the down converted signal. Its
overall bandwidth is limited to 2MHz. The
input and output impedance of the IF
amplifier and the input impedance of the IF
limiter are set to 1500
Ω (match to 455kHz
filter). A second filter is connected between
the IF amplifier and the limiter for improved
channel selectivity and reduced instability.
This ceramic filter provides 3dB interstage
insertion loss which results in optimal RSSI
linearity. The overall gain can be reduced if
desired by adding an external attenuator after
the IF amplifier. The differential limiter
outputs (Pins 10 and 11) are available for
demodulator circuits.
RSSI
The received signal strength indicator
provides a linear voltage indication of the
received signal strength in dB for a range in
excess of 90dB. The response time to a
change in input signal is less than a few
microseconds and the delay is kept to a
minimum because of the use of a minimum
phase shift circuit. Because of the speed of
the RSSI circuit, the RSSI rise and fall time
may, in practice, be dominated by the
bandwidth of the external bandpass filter that
is placed between the mixer and the IF, and
the external filter placed between the IF
amplifier and limiter. Since the RSSI function
requires the signal to propagate through the
whole IF strip, and the rise and fall time of the
filters are inversely proportional to their
bandwidth, there is a trade-off between
channel selectivity and RSSI response. A
possible solution is to use a second SA637
with wider band external filters for faster
RSSI response.
The RSSI curve is temperature compensated
and in addition is designed for improved
consistency from unit to unit.
The RSSI circuit drives an on-chip low power
op amp with rail-to-rail output which can be
connected as a unity gain RSSI buffer or a
gain stage or even a comparator.
DC Power Supply
The IC is designed for operation between 2.7
and 5.5V. A power supply dependent biasing
scheme is used in the mixers to benefit from
the large headroom available at higher VCCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com