Electronic Components Datasheet Search
  English  ▼

X  

SA637 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA637
Description  Low-voltage digital IF receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA637 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA637 Datasheet HTML 1Page - NXP Semiconductors SA637 Datasheet HTML 2Page - NXP Semiconductors SA637 Datasheet HTML 3Page - NXP Semiconductors SA637 Datasheet HTML 4Page - NXP Semiconductors SA637 Datasheet HTML 5Page - NXP Semiconductors SA637 Datasheet HTML 6Page - NXP Semiconductors SA637 Datasheet HTML 7Page - NXP Semiconductors SA637 Datasheet HTML 8Page - NXP Semiconductors SA637 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA637
Low-voltage digital IF receiver
October 27, 1993
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.3 to +6.0
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range
-40 to +85
°C
NOTE: Thermal impedance (
θJA) = 117°C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
2.7
5.5
V
ICC
DC current drain
Pin 9 = HIGH or OPEN
3.8
4.5
mA
VCC = 4.7V
4.4
5.5
mA
Standby
Pin 9 = LOW
0.11
0.5
mA
Input current
Pin 9 = LOW
-10
10
µA
Pin 9 = HIGH
-10
10
µA
Input level
Pin 9 = LOW
0
0.3VCC
µA
Pin 9 = HIGH
0.7VCC
VCC
µA
tON
Power up time
RSSI valid (10% to 90%)
10
µs
tOFF
Power down time
RSSI invalid (90% to 10%)
5
µs
AC ELECTRICAL CHARACTERISTICS
TA = 25°C; VCC = +3V, unless otherwise stated. RF frequency = 90MHz; RF input step-up = +14.5dBV; IF frequency = 455kHz; RF level =
-68dBm. Test circuit Figure 1. The parameters listed below are tested using automatic test equipment to assure consistent electrical
characteristics. The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of
the listed parameters.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
Mixer/Osc section
fIN
Input signal frequency
200
MHz
fOSC
Crystal oscillator frequency
200
MHz
NF
Noise figure at 90MHz
Matched input and output
6.2
dB
TOI
Third-order input intercept point
Input matched to 50
Ω source
-17
dBm
P1dB
Input 1dB compression point
-27
dBm
Conversion power gain
Matched 50
Ω
7
dB
RIN
Mixer input resistance
2.5
k
Ω
CIN
Mixer input capacitance
2.2
pF
ROUT
Mixer output resistance
1.87
k
Ω
Buffered LO output level
LO = 447mVP-P, 1kΩ AC load
100
300
500
mVP-P
IF section
IF amp power gain
50
Ω source
36
dB
Limiter power gain
50
Ω source
60
dB
IFBW
IF amp bandwidth
2.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com