Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Input
200mV/div
Output
2V/div
2 s/div
m
V
=5mV
OD
300
275
250
225
200
175
150
125
-50
-25
0
25
50
75
100
Temperature( C)
°
125
200
175
150
125
100
75
50
0
20
40
60
80
100
120
140
160
180
OverdriveVoltage(mV)
200
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
SupplyVoltage(V)
18
600
599
598
597
596
595
594
593
592
591
590
2
4
6
8
10
12
14
16
SupplyVoltage(V)
18
602
601
600
599
598
597
596
-50
-25
0
25
50
75
100
Temperature( C)
°
125
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 20. Comparator Trip Point vs Supply Voltage
Figure 21. Comparator Trip Point vs Temperature
Figure 22. Comparator Propagation Delay vs Overdrive
Figure 23. Comparator Reset Voltage vs Supply Voltage
Voltage
Figure 24. Comparator Propagation Delay vs Temperature
Figure 25. Comparator Propagation Delay
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com