Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments INA200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
GainError%=100 -
5kW
5k
+R
W
FILT
100 ´
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
7.4 Device Functional Modes
7.4.1 Input Filtering
An obvious and straightforward location for filtering is at the output of the INA200, INA201, and INA202 series;
however, this location negates the advantage of the low output impedance of the internal buffer. The only other
option for filtering is at the input pins of the INA200, INA201, and INA202 devices, which is complicated by the
internal 5 k
Ω + 30% input impedance; this is illustrated in Figure 27. Using the lowest possible resistor values
minimizes both the initial shift in gain and effects of tolerance. The effect on initial gain is given by Equation 1:
(1)
Total effect on gain error can be calculated by replacing the 5-k
Ω term with 5 kΩ – 30%, (or 3.5 kΩ) or 5 kΩ +
30% (or 6.5 k
Ω). The tolerance extremes of RFILT can also be inserted into the equation. If a pair of 100 Ω 1%
resistors are used on the inputs, the initial gain error will be 1.96%. Worst-case tolerance conditions will always
occur at the lower excursion of the internal 5-k
Ω resistor (3.5 kΩ), and the higher excursion of RFILT – 3% in this
case.
The specified accuracy of the INA200, INA201, and INA202 devices must then be combined in addition to these
tolerances. While this discussion treated accuracy worst-case conditions by combining the extremes of the
resistor values, it is appropriate to use geometric mean or root sum square calculations to total the effects of
accuracy variations.
7.4.2 Accuracy Variations as a Result of VSENSE and Common-Mode Voltage
The accuracy of the INA200, INA201, and INA202 current shunt monitors is a function of two main variables:
VSENSE (VIN+ – VIN–) and common-mode voltage, VCM, relative to the supply voltage, VS. VCM is expressed as
(VIN+ + VIN–)/2; however, in practice, VCM is seen as the voltage at VIN+ because the voltage drop across VSENSE
is usually small.
This section addresses the accuracy of these specific operating regions:
•
Normal Case 1: VSENSE ≥ 20 mV, VCM ≥ VS
•
Normal Case 2: VSENSE ≥ 20 mV, VCM < VS
•
Low VSENSE Case 1: VSENSE < 20 mV, –16 V ≤ VCM < 0
•
Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
•
Low VSENSE Case 3: VSENSE < 20 mV, VS < VCM ≤ 80 V
7.4.2.1 Normal Case 1: VSENSE ≥ 20 mv, VCM ≥ VS
This region of operation provides the highest accuracy. Here, the input offset voltage is characterized and
measured using a two-step method. First, the gain is determined by Equation 2.
where
•
VOUT1 = Output Voltage with VSENSE = 100 mV
•
VOUT2 = Output Voltage with VSENSE = 20 mV
(2)
Then the offset voltage is measured at VSENSE = 100 mV and referred to the input (RTI) of the current shunt
monitor, as shown in Electrical Characteristics: Current-Shunt Monitor.
(3)
In the Typical Characteristics, Figure 7 curve shows the highest accuracy for the this region of operation. In this
plot, VS = 12 V; for VCM ≥ 12 V, the output error is at its minimum. This case is also used to create the VSENSE ≥
20-mV output specifications in Electrical Characteristics: Current-Shunt Monitor .
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com