Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
RESET
V
IN-
V
IN+
INA200
(G = 20)
GND
2
3
4
6
5
7
8
1
R
PULL-UP
4.7kW
Latch
Transparent/Reset
C
BYPASS
0.01mF
R
SHUNT
3mW
Load Supply
-18V to +80V
Load
5V Supply
R
1
R
2
V
S
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Figure 26. INA200 Basic Connections
7.3.2 Selecting RS
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is attained with an RS value that provides a full-scale shunt
voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is 500 mV, but output
voltage is limited by supply.
7.3.3 Comparator
The INA200, INA201, and INA202 devices incorporate an open-drain comparator. This comparator typically has
2 mV of offset and a 1.3-
μs (typical) response time. The output of the comparator latches and is reset through
the RESET pin; see Figure 28.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com