Electronic Components Datasheet Search
  English  ▼

X  

STL6P3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL6P3LLH6
Description  Very low on-resistance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6P3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL6P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL6P3LLH6
6/15
DocID023668 Rev 3
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
O
pe
ra
tio
n
in
th
is
ar
ea
is
Li
m
ited
by
m
ax
R
D
S(o
n)
10ms
1s
100ms
0.01
Tj=150°C
Tc=25°C
Single pulse
GIPG171120141448MT
Single pulse
d
0.05
0.02
0.01
0.1
0.2
ID
25
15
5
0
0
1
VDS(V)
2
(A)
3
2V
3V
VGS=6, 7, 8, 9, 10V
10
20
30
4V
5V
35
40
GIPG171120141450MT
ID
30
20
10
0
0
4
VGS(V)
7
(A)
2
6
5
15
25
35
VDS=2V
1
3
5
GIPG171120141451MT
VGS
6
4
2
0
0
8
Qg(nC)
(V)
24
8
12
16
10
28
12
4
20
ID=6A
GIPG171120141452MT
RDS(on)
24.0
23.5
23.0
0
2
ID(A)
(m
Ω)
1
3
24.5
VGS=10V
4
5
6
GIPG171120141453MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com