Electronic Components Datasheet Search
  English  ▼

X  

STL6P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL6P3LLH6
Description  Very low on-resistance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL6P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2014
DocID023668 Rev 3
1/15
This is information on a product in full production.
www.st.com
STL6P3LLH6
P-
channel 30 V, 0.024 Ω typ., 6 A STripFET™ H6
Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
PTOT
STL6P3LLH6
30 V
0.03 Ω
6 A
2.9 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ H6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL6P3LLH6
6P3L
PowerFLAT
TM
3.3 x 3.3
Tape and
reel
For the P-channel Power MOSFETs the
actual polarity of the voltages and the
current must be reversed.
1
2
3
4
PowerFL A
T™ 3.3 x 3.3


Similar Part No. - STL6P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
October 2013 Rev 3
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
More results

Similar Description - STL6P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
Very low on-resistance
20-Oct-2015
STD64N4F6AG STMICROELECTRONICS-STD64N4F6AG Datasheet
471Kb / 15P
Very low on-resistance
10-Jun-2015
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
Very low on-resistance
March 2014 Rev 2
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
Very low on-resistance
05-Dec-2014
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
Very low on-resistance
26-Jun-2015
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
Very low on-resistance
05-Jun-2015
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
Very low on-resistance
03-Nov-2014
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
Very low on-resistance
15-Mar-2016
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
Very low on-resistance
September 2016 Rev 3
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
Very low on-resistance
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com