Electronic Components Datasheet Search
  English  ▼

X  

STL7N6LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7N6LF3
Description  Switching applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N6LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7N6LF3 Datasheet HTML 1Page - STMicroelectronics STL7N6LF3 Datasheet HTML 2Page - STMicroelectronics STL7N6LF3 Datasheet HTML 3Page - STMicroelectronics STL7N6LF3 Datasheet HTML 4Page - STMicroelectronics STL7N6LF3 Datasheet HTML 5Page - STMicroelectronics STL7N6LF3 Datasheet HTML 6Page - STMicroelectronics STL7N6LF3 Datasheet HTML 7Page - STMicroelectronics STL7N6LF3 Datasheet HTML 8Page - STMicroelectronics STL7N6LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2017
DocID027038 Rev 4
1/15
This is information on a product in full production.
www.st.com
STL7N6LF3
Automotive-grade N-
channel 60 V, 35 mΩ typ., 6.5 A
STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STL7N6LF3
60 V
43 mΩ
6.5 A
AEC-Q101 qualified
Logic level VGS(th)
175 °C maximum junction temperature
100% avalanche rated
Wettable flank package
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
develope
d using STripFET™ F3 technology. It is
designed to minimize on-resistance and gate
charge to provide superior switching
performance.
Table 1: Device summary
Order code
Marking
Package
Packing
STL7N6LF3
7N6LF3
PowerFLAT™ 5x6
Tape and reel


Similar Part No. - STL7N6LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
27-Aug-2015
More results

Similar Description - STL7N6LF3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com