Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller for the DLP5500 DMD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DLPC200
www.ti.com
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
6.5 I/O Electrical Characteristics
All inputs and outputs are LVCMOS
VIL(V)
VIH(V)
VOH(V)
VOL(V)
I/O TYPE(1)
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
I1
Input LVCMOS
VCCIO = 1.8 V
–0.3
0.35 × VCCIO
0.65 × VCCIO
2.25
V
I2
Input LVCMOS
VCCIO = 2.5 V
–0.3
0.7
1.7
VCCIO + 0.3
V
I3
Input LVCMOS
VCCIO = 3.3 V
–0.3
0.8
1.7
3.6
V
I4
Input LVTTL
VCCIO = 3.3 V
–0.3
0.8
1.7
3.6
V
O1
Output LVCMOS
VCCIO = 1.8 V
VCCIO – 0.45
0.45
V
O2
Output LVTTL
VCCIO = 3.3 V
2.4
0.45
V
O3
Output LVCMOS
VCCIO = 3.3 V
VCCIO – 0.2
0.2
V
O4
Output LVDS
VCCIO = 3.3 V
VCCIO – 0.3
0.3
V
Output SSTL-18
O5
VCCIO = 1.8 V
1.484
0.398
V
Class I
Bidirectional SSTL-
B1
VCCIO = 1.8 V
0.844
1.094
1.484
0.398
V
18 Class I
Bidirectional
B2
VCCIO = 3.3 V
–0.3
0.8
1.7
3.6
VCCIO – 0.2
0.2
V
LVCMOS
(1)
Cross reference to I/O assignments
6.6 Video Input Pixel Interface Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ƒpclock
Clock frequency, PORTx_CLK
80
MHz
tp_wh
Pulse duration, high
45% to 55% reference points (signal)
5.6
ns
tp_wl
Pulse duration, low
45% to 55% reference points (signal)
5.6
ns
tp_su
Setup time, PORTx_D(23–0) valid before PORTx_CLK
See (1)
1.5
ns
tp_h
Hold time, PORTx_D(23–0) valid after PORTx_CLK
See (1)
1.5
ns
tp_su
Setup time, PORTx_VSYNC valid before PORTx_CLK
See (1)
1.5
ns
tp_h
Hold time, PORTx_VSYNC valid after PORTx_CLK
See (1)
1.5
ns
tp_su
Setup time, PORTx_HSYNC valid before PORTx_CLK
See (1)
1.5
ns
tp_h
Hold time, PORTx_HSYNC valid after PORTx_CLK
See (1)
1.5
ns
tp_su
Setup time, PORTx_IVALID valid before PORTx_CLK
See (1)
1.5
ns
tp_h
Hold time, PORTx_IVALID valid after PORTx_CLK
See (1)
1.5
ns
(1)
PCLK may be inverted from that shown in Figure 1. In that case, the same specifications in the table are valid except now referenced to
the falling edge of the clock. If the falling edge of PCLK is used, a USB or SPI command must be sent to tell the DLPC200 to use the
falling edge of PCLK.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com