Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller for the DLP5500 DMD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 35Page - Texas Instruments DLPC200 Datasheet HTML 36Page - Texas Instruments DLPC200 Datasheet HTML 37Page - Texas Instruments DLPC200 Datasheet HTML 38Page - Texas Instruments DLPC200 Datasheet HTML 39Page - Texas Instruments DLPC200 Datasheet HTML 40Page - Texas Instruments DLPC200 Datasheet HTML 41Page - Texas Instruments DLPC200 Datasheet HTML 42Page - Texas Instruments DLPC200 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
DLPC200
www.ti.com
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 DLPC200 System Interfaces
The DLPC200 supports the following interfaces: extended display identification data (EDID), USB, SPI, parallel
flash, serial flash, DDR2 SDRAM, and two RGB888 input ports, which are described in the following subsections.
8.2.2.1.1
DLPC200 Master, I
2C Interface for EDID Programming
The DLPC200 controller I2C interface is only used to program the HDMI EDID. Upon plugging in an HDMI
source, the DMD resolution is compared to the HDMI output resolution programmed in the HDMI EDID PROM. If
the two resolutions do not match, then the HDMI EDID is adjusted to match the DMD resolution.
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply through a pullup resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a Start condition, a high-to-low transition on
the SDA input/output while the SCL input is high. After the Start condition, the device address byte is sent, MSB
first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an ACK, a low on the SDA input/output during
the high of the ACK-related clock pulse.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (Start or Stop). A Stop condition (a low-to-high transition on the SDA input/output while the SCL input
is high) is sent by the master.
Any number of data bytes can be transferred from the transmitter to the receiver between the Start and Stop
conditions. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before
the receiver can send an ACK bit. The device that acknowledges must pull down the SDA line during the ACK
clock pulse so that the SDA line is stable low during the high pulse of the ACK-related clock period. Setup and
hold times must be met to ensure proper operation.
Table 2. Recommended EDID PROM Devices
PART NUMBER
MANUFACTURER
24LC02B
Microchip Technology
8.2.2.1.2
USB Interface
The USB interface consists of a single-chip integrated USB 2.0 transceiver, smart SIE, and enhanced 8051
microprocessor running at 48 MHz (nominal) that supports USB 2.0.
8.2.2.1.3
Bus Protocol
USB is a polled bus. The host controller (typically at PC) initiates all data transfers. Each transaction begins
when the PC sends a packet. Communications are always through the bulk transfer mode, and 512 bytes of data
are always written/read at a time. The packet consists of the following:
•
Header (6 bytes)
•
Data (505 bytes)
•
Checksum (1 byte)
The USB device that is addressed selects itself by decoding the appropriate address fields. The direction of data
transfer, either read or write, is specified in the packet header. The source of the transaction then sends a data
packet or indicates it has no data to transfer. At the end of either a single packet transfer or a multi-packet
transfer, the destination responds with a handshake packet indicating whether the transfer was successful.
The packet header consists of:
•
CMD1 – Indicates if packet is write/write response or read/read response
•
CMD2 – Groups major functions together
•
CMD3 – Provides more information about packet grouping defined in CMD2
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com