Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller for the DLP5500 DMD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 3Page - Texas Instruments DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments DLPC200 Datasheet HTML 10Page - Texas Instruments DLPC200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
DLPC200
www.ti.com
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
Pin Functions (continued)
PIN
I/O
CLOCK SYSTEM
DESCRIPTION
TYPE(1)
NAME
NUMBER
PORT 2 VIDEO DATA AND CONTROL(3)
PORT2_CLK
Y2
Pixel clock (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_VSYNC
AF2
PORT2_CLK
Vertical sync; weak pullup applied
PORT2_HSYNC
AB6
PORT2_CLK
Horizontal sync; weak pullup applied
PORT2_IVALID
W1
PORT2_CLK
Data valid (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D0
Y1
PORT2_CLK
Pixel data – Blue 0 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D1
AE1
PORT2_CLK
Pixel data – Blue 1 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D2
U2
PORT2_CLK
Pixel data – Blue 2 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D3
AD12
PORT2_CLK
Pixel data – Blue 3 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D4
AB1
PORT2_CLK
Pixel data – Blue 4 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D5
V3
PORT2_CLK
Pixel data – Blue 5 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D6
U5
PORT2_CLK
Pixel data – Blue 6 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D7
T3
PORT2_CLK
Pixel data – Blue 7 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D8
AD1
PORT2_CLK
Pixel data – Green 0 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D9
AA3
PORT2_CLK
Pixel data – Green 1 (if not used, apply 10-k
Ω pulldown to DGND)
I1
PORT2_D10
R6
PORT2_CLK
Pixel data – Green 2 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D11
W3
PORT2_CLK
Pixel data – Green 3 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D12
AB5
PORT2_CLK
Pixel data – Green 4 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D13
AD3
PORT2_CLK
Pixel data – Green 5 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D14
AD5
PORT2_CLK
Pixel data – Green 6 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D15
AD4
PORT2_CLK
Pixel data – Green 7 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D16
AE5
PORT2_CLK
Pixel data – Red 0 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D17
AC11
PORT2_CLK
Pixel data – Red 1 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D18
AB8
PORT2_CLK
Pixel data – Red 2 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D19
AC7
PORT2_CLK
Pixel data – Red 3 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D20
AG4
PORT2_CLK
Pixel data – Red 4 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D21
AE4
PORT2_CLK
Pixel data – Red 5 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D22
AF5
PORT2_CLK
Pixel data – Red 6 (if not used, apply 10-k
Ω pulldown to DGND)
PORT2_D23
AF3
PORT2_CLK
Pixel data – Red 7 (if not used, apply 10-k
Ω pulldown to DGND)
SYNC IN/SYNC OUT
PORT1_Trig_in
F2
I3
PORT1_CLK
Alternate sync for port 1; treated as Vsync; weak pullup applied
PORT1_Sync_out
H6
O3
Async
Reserved for future use
PORT2_Trig_in
AB7
I1
PORT2_CLK
Alternate sync for port 2; treated as vsync; weak pullup applied
PORT2_Sync_out
Y3
O1
Async
Reserved for future use
(3)
24-bit data is mapped according to RGB888 pixel format. See Figure 13.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com