Electronic Components Datasheet Search
  English  ▼

X  

LM341 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 2 Page - Texas Instruments

  LM341 Datasheet HTML 1Page - Texas Instruments LM341 Datasheet HTML 2Page - Texas Instruments LM341 Datasheet HTML 3Page - Texas Instruments LM341 Datasheet HTML 4Page - Texas Instruments LM341 Datasheet HTML 5Page - Texas Instruments LM341 Datasheet HTML 6Page - Texas Instruments LM341 Datasheet HTML 7Page - Texas Instruments LM341 Datasheet HTML 8Page - Texas Instruments LM341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
Recommended Operating Conditions ....................... 3
6.3
Thermal Information .................................................. 4
6.4
Electrical Characteristics: LM341 (5 V) and
LM78M05 ................................................................... 4
6.5
Electrical Characteristics: LM341 (12 V)................... 4
6.6
Electrical Characteristics: LM341 (15 V)................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application .................................................. 11
9
Power Supply Recommendations ...................... 12
10
Layout................................................................... 13
10.1
Layout Guidelines ................................................. 13
10.2
Layout Example .................................................... 13
10.3
Thermal Considerations ........................................ 13
11
Device and Documentation Support ................. 16
11.1
Documentation Support ........................................ 16
11.2
Related Links ........................................................ 16
11.3
Receiving Notification of Documentation Updates 16
11.4
Community Resources.......................................... 16
11.5
Trademarks ........................................................... 16
11.6
Electrostatic Discharge Caution ............................ 16
11.7
Glossary ................................................................ 16
12
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2005) to Revision F
Page
•
Added Applications section, Device Information table, Pin Configuration and Functions section, ESD Ratings table,
Recommended Operating Conditions table, Thermal Information table, Detailed Description section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
•
Deleted parts marked as obsolete: LM78M12 and LM78M15................................................................................................ 1
•
Changed package type names throughout............................................................................................................................. 1
•
Deleted 12-V output voltage option from Features................................................................................................................. 1
•
Changed RθJA values in Thermal Information table From: 60°C/W To: 22.6°C/W (NDE), From: 92°C/W To: 38°C/W
(NDP), and From: 120°C/W To: 162.4°C/W (NDT) ................................................................................................................ 4
•
Changed RθJC(top) values in Thermal Information table From: 5°C/W To: 17.8°C/W (NDE), From: 10°C/W To:
48.4°C/W (NDP), and From: 18°C/W To: 23.9°C/W (NDT).................................................................................................... 4
•
Updated Thermal Considerations section ............................................................................................................................ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com