Electronic Components Datasheet Search
  English  ▼

X  

LM341 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 1 Page - Texas Instruments

  LM341 Datasheet HTML 1Page - Texas Instruments LM341 Datasheet HTML 2Page - Texas Instruments LM341 Datasheet HTML 3Page - Texas Instruments LM341 Datasheet HTML 4Page - Texas Instruments LM341 Datasheet HTML 5Page - Texas Instruments LM341 Datasheet HTML 6Page - Texas Instruments LM341 Datasheet HTML 7Page - Texas Instruments LM341 Datasheet HTML 8Page - Texas Instruments LM341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Pin 1. Input
2. Ground
3. Output
Tab/Case is Ground
1
1
1
TO
TO-252
TO-220
2
3
3
2
2
3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
LM341 and LM78M05 Series 3-Terminal 500-mA Positive Voltage Regulators
1
1 Features
1
•
Output Current in Excess of 0.5 A
•
No External Components
•
Internal Thermal Overload Protection
•
Internal Short Circuit Current-Limiting
•
Output Transistor Safe-Area Compensation
•
Available in 3-Pin TO-220, TO-252, and TO
packages
•
Output Voltages of 5 V and 15 V
2 Applications
•
Electronic Point-of-Sale
•
Medical and Health Fitness Applications
•
Printers
•
Appliances and White Goods
•
TVs and Set-Top Boxes
3 Description
The LM341 and LM78M05 three-pin positive voltage
regulators employ built-in current limiting, thermal
shutdown, and safe-operating area protection, which
makes them virtually immune to damage from output
overloads.
With adequate heat sinking, they can deliver in
excess of 0.5-A output current. Typical applications
would include local (on-card) regulators which can
eliminate
the
noise
and
degraded
performance
associated with single-point regulation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM341
TO-220 (3)
10.16 mm × 14.986 mm
LM78M05
TO-220 (3)
10.16 mm × 14.986 mm
TO-252 (3)
6.10 mm × 6.58 mm
TO (3)
9.14 mm × 9.14 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Available Pinouts
Typical Application


Similar Part No. - LM341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM341 NSC-LM341 Datasheet
310Kb / 11P
3-Terminal Positive Voltage Regulators
logo
Seoul Semiconductor
LM341 SEOUL-LM341 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM341 SEOUL-LM341 Datasheet
360Kb / 13P
CYAN LAMP LED
LM341 SEOUL-LM341 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM341 SEOUL-LM341 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
logo
Texas Instruments
LM78M05-MIL TI1-LM78M05-MIL Datasheet
648Kb / 19P
Series 3-Terminal 500-mA Positive Voltage Regulator
logo
ON Semiconductor
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com