| Electronic Components Datasheet Search |
|
LM341 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM341 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 22 page ![]() 13 LM341, LM78M05 www.ti.com SNVS090F – MAY 2004 – REVISED DECEMBER 2016 Product Folder Links: LM341 LM78M05 Submit Documentation Feedback Copyright © 2004–2016, Texas Instruments Incorporated 10 Layout 10.1 Layout Guidelines Some layout guidelines must be followed to ensure proper regulation of the output voltage with minimum noise. TI recommends that the input terminal be bypassed to ground with a bypass capacitor. The optimum placement is closest to the input terminal of the device and the system GND. Take care to minimize the loop area formed by the bypass-capacitor connection, the input terminal, and the system GND. Traces carrying the load current must be wide to reduce the amount of parasitic trace inductance. In cases when VIN shorts to ground, an external diode must be placed from VOUT to VIN to divert the surge current from the output capacitor and protect the IC. This diode must be placed close to the corresponding IC pins to increase their effectiveness. 10.2 Layout Example Figure 15. Layout Recommendation 10.3 Thermal Considerations When an integrated circuit operates with appreciable current, its junction temperature is elevated. It is important to quantify its thermal limits to achieve acceptable performance and reliability. This limit is determined by summing the individual parts consisting of a series of temperature rises from the semiconductor junction to the operating environment. A one-dimension steady-state model of conduction heat transfer is demonstrated in Figure 16. The heat generated at the device junction flows through the die to the die attach pad, through the lead frame to the surrounding case material, to the printed-circuit board, and eventually to the ambient environment. There are several variables that may affect the thermal resistance and in turn the need for a heat sink, which includes the following. Component variables (RθJC) • Leadframe size and material • Number of conduction pins • Die size • Die attach material • Molding compound size and material Application variables (RθCA) • Mounting pad size, material, and location • Placement of mounting pad • PCB size and material • Traces length and width • Adjacent heat sources • Volume of air • Ambient temperature • Shape of mounting pad |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |