Electronic Components Datasheet Search
  English  ▼

X  

REF3133-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3133-Q1
Description  15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3133-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  REF3133-Q1 Datasheet HTML 1Page - Texas Instruments REF3133-Q1 Datasheet HTML 2Page - Texas Instruments REF3133-Q1 Datasheet HTML 3Page - Texas Instruments REF3133-Q1 Datasheet HTML 4Page - Texas Instruments REF3133-Q1 Datasheet HTML 5Page - Texas Instruments REF3133-Q1 Datasheet HTML 6Page - Texas Instruments REF3133-Q1 Datasheet HTML 7Page - Texas Instruments REF3133-Q1 Datasheet HTML 8Page - Texas Instruments REF3133-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
120
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
100
120
80
140
Temperature ( C)
°
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
+
+
5W
1 F to 10 F
m
m
1 F to
m
10 F
m
3.3V
0.1 F
m
V
IN
V+
V
S
Microcontroller
REF3133-Q1
GND
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF3112-Q1, REF3120-Q1, REF3125-Q1
REF3130-Q1, REF3133-Q1, REF3140-Q1
SBVS299 – APRIL 2017
REF31xx-Q1 15 ppm/°C Maximum, 100-µA, SOT-23 Series Voltage Reference
1
1 Features
1
•
AEC-Q100 Qualified With the Following Results:
–
Device TA Range: –40°C to 125°C
–
Device HBM ESD Classification Level H1C
–
Device CDM ESD Classification Level C4A
•
High Accuracy: 0.2% Maximum
•
Excellent Specified Drift Performance:
–
20 ppm/°C (Maximum) from –40°C to +125°C
•
High Output Current: ±10 mA
•
Low Dropout: 5 mV
•
Low IQ: 115 µA Maximum
•
Low Noise: 17 µVp-p/V
•
No Output Capacitor Required
•
Available Voltage Options : 1.2 V, 2 V, 2.5 V, 3 V,
3.3 V, 4 V
•
MicroSize Package: 3-Pin SOT-23
2 Applications
•
HEV/EV Powertrain Systems
–
Automotive Battery Management Systems
–
Inverter
–
Electric Power Steering Systems
•
Advanced Driver Assistance Systems (ADAS)
–
Radar Systems
–
Night Vision Systems
–
Dynamic Spotlight
–
Front Camera
•
Infotainment MCU Attached
•
Portable, Battery-Powered Equipment
3 Description
The REF31xx-Q1 is a family of precision, low power,
low dropout, series voltage references available in the
tiny 3-pin SOT-23 package.
The
REF31xx-Q1
small
size
and
low
power
consumption (100 μA typical) make it ideal for
portable
and
battery-powered
applications.
The
REF31xx-Q1 does not require a load capacitor, but is
stable with any capacitive load and can sink or
source up to 10 mA of output current.
Unloaded, the REF31xx-Q1 can operate on supplies
down to 5 mV above the output voltage. All models
are specified for the wide temperature range of –40°C
to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF3112-Q1
REF3120-Q1
REF3125-Q1
REF3130-Q1
REF3133-Q1
REF3140-Q1
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Typical Application
Quiescent Current vs Temperature


Similar Part No. - REF3133-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3133 BURR-BROWN-REF3133 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3133 BURR-BROWN-REF3133 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3133 TI2-REF3133 Datasheet
1Mb / 26P
REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
REVISED MARCH 2016
logo
Burr-Brown (TI)
REF3133AIDBZR BURR-BROWN-REF3133AIDBZR Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3133AIDBZR BURR-BROWN-REF3133AIDBZR Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3133-Q1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com